전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C978 데이터시트(PDF) 15 Page - Advanced Micro Devices

부품명 AM79C978
상세설명  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 데이터시트(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 11Page - Advanced Micro Devices AM79C978 Datasheet HTML 12Page - Advanced Micro Devices AM79C978 Datasheet HTML 13Page - Advanced Micro Devices AM79C978 Datasheet HTML 14Page - Advanced Micro Devices AM79C978 Datasheet HTML 15Page - Advanced Micro Devices AM79C978 Datasheet HTML 16Page - Advanced Micro Devices AM79C978 Datasheet HTML 17Page - Advanced Micro Devices AM79C978 Datasheet HTML 18Page - Advanced Micro Devices AM79C978 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 261 page
background image
Am79C978
15
RELATED AMD PRODUCTS
Part No.
Description
Controllers
Am79C90
CMOS Local Area Network Controller for Ethernet (C-LANCE)
Integrated Controllers
Am79C930
PCnet™-Mobile Single Chip Wireless LAN Media Access Controller
Am79C940B
Media Access Controller for Ethernet (MACE™)
Am79C961A
PCnet-ISA II Full Duplex Single-Chip Ethernet Controller for ISA Bus
Am79C965A
PCnet-32 Single-Chip 32-Bit Ethernet Controller for 486 and VL Buses
Am79C970A
PCnet-PCI II Full Duplex Single-Chip Ethernet Controller for PCI Local Bus
Am79C971
PCnet-FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
Am79C972
PCnet-FAST+ Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
Manchester Encoder/Decoder
Am7992B
Serial Interface Adapter (SIA)
Physical Layer Devices (Single-Port)
Am7996
IEEE 802.3/Ethernet/Cheapernet Transceiver (TAP)
Am79761
Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY™-SD)
Am79C98
Twisted Pair Ethernet Transceiver (TPEX)
Am79C100
Twisted Pair Ethernet Transceiver Plus (TPEX+)
Am79C873
10/100 Mbps Ethernet Physical Layer Transceiver (NetPHY™-1)
Physical Layer Devices (Multi-Port)
Am79C871
Quad Fast Ethernet Transceiver for 100BASE-X Repeaters (QFEXr™)
Am79C988B
Quad Integrated Ethernet Transceiver (QuIET™)
Am79C989
Quad Ethernet Switching Transceiver (QuEST™)
Integrated Repeater/Hub Devices
Am79C981
Integrated Multiport Repeater Plus (IMR+)
Am79C982
Basic Integrated Multiport Repeater (bIMR)
Am79C983A
Integrated Multiport Repeater 2 (IMR2™)
Am79C984A
Enhanced Integrated Multiport Repeater (eIMR™)
Am79C985
Enhanced Integrated Multiport Repeater Plus (eIMR+™)
Am79C987
Hardware Implemented Management Information Base (HIMIB™)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More