전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMD-K6 데이터시트(PDF) 2 Page - Advanced Micro Devices

부품명 AMD-K6
상세설명  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 데이터시트(HTML) 2 Page - Advanced Micro Devices

  AMD-K6 Datasheet HTML 1Page - Advanced Micro Devices AMD-K6 Datasheet HTML 2Page - Advanced Micro Devices AMD-K6 Datasheet HTML 3Page - Advanced Micro Devices AMD-K6 Datasheet HTML 4Page - Advanced Micro Devices AMD-K6 Datasheet HTML 5Page - Advanced Micro Devices AMD-K6 Datasheet HTML 6Page - Advanced Micro Devices AMD-K6 Datasheet HTML 7Page - Advanced Micro Devices AMD-K6 Datasheet HTML 8Page - Advanced Micro Devices AMD-K6 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 346 page
background image
Preliminary Information
© 1998 Advanced Micro Devices, Inc. All rights reserved.
Advanced Micro Devices, Inc. (“AMD”) reserves the right to make changes in its
products without notice in order to improve design or performance characteristics.
The information in this publication is believed to be accurate at the time of
publication, but AMD makes no representations or warranties with respect to the
accuracy or completeness of the contents of this publication or the information
contained herein, and reserves the right to make changes at any time, without notice.
AMD disclaims responsibility for any consequences resulting from the use of the
information included in this publication.
This publication neither states nor implies any representations or warranties of any
kind, including but not limited to, any implied warranty of merchantability or fitness
for a particular purpose. AMD products are not authorized for use as critical
components in life support devices or systems without AMD’s written approval. AMD
assumes no liability whatsoever for claims associated with the sale or use (including
the use of engineering samples) of AMD products, except as provided in AMD’s Terms
and Conditions of Sale for such products.
Trademarks
AMD, the AMD logo, and combinations thereof, K86, AMD-K5, and the AMD-K6 logo are trademarks, and RISC86
and AMD-K6 are registered trademarks of Advanced Micro Devices, Inc.
Microsoft and Windows are registered trademarks, and Windows NT is a trademark of Microsoft Corporation.
Netware is a registered trademark of Novell, Inc.
MMX is a trademark and Pentium is a registered trademark of Intel Corporation.
The TAP State Diagram is reprinted from IEEE Std 1149.1-1990 “IEEE Standard Test Access Port and Boundary-Scan
Architecture,” Copyright © 1990 by the Institute of Electrical and Electronics Engineers, Inc. The IEEE disclaims
any responsibility or liability resulting from the placement and use in the described manner. Information is reprinted
with the permission of the IEEE.
Other product names used in this publication are for identification purposes only and may be trademarks of their
respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More