전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5259MTH1R 데이터시트(PDF) 15 Page - List of Unclassifed Manufacturers

부품명 5259MTH1R
상세설명  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

5259MTH1R 데이터시트(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 5259MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 12Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 13Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 15Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 16Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 17Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 18Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
A-36
APEM
www.apem.com
5000 series
Toggle switches - quick-connect terminals
A
5900Z models
• Flatted bushing Ø 6,35 mm (1/4)
• Terminal spacing 4,7 mm (.185)
• Epoxy sealed terminals standard
• 1and 2 pole configurations
For model structure numbers, refer to
5200Z
models and replace 2 with 9.
PANEL CUT
-OUT
Standard or
with K sealing option
5100Z models
• Threaded bushing Ø 6 mm (.236)
• Terminal spacing 4,7 mm (.185)
• Epoxy sealed terminals standard
• 1and 2 pole configurations
For model structure numbers, refer to
5200Z
models and replace 2 with 1.
PANEL CUT
-OUT
Standard
Diagram, as per 5900 model
Diagram, as per 5200 model
MODEL
STRUCTURE
MODEL
STRUCTURE
(.106)
2.70
(.255 DIA)
Ø6.50
(.086 DIA)
Ø2.20
6.20
Ø6.20
(.244)
(.244 DIA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com