| 전자부품 데이터시트 검색엔진 |
|
5259MTH1R 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
5259MTH1R 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 22 page ![]() A-24 APEM www.apem.com 5000 series Toggle switches Overview A 5 SERIES Terminals and bushing 0 Straight PC terminals, 5,08 (.200) terminal spacing, with Ø 6,35 (1/4) threaded bushing 1 Straight PC or quick-connect terminals, 4,70 (.185) terminal spacing, with Ø 6 (.236) threaded bushing. 2 Straight PC terminals, 4,70 (.185) terminal spacing, right angle, quick-connect or wire wrap terminals, with 6,35 (1/4) threaded bushing 3 Straight PC terminals, 4 (.157) terminal spacing, with Ø 6 (.236) threaded bushing 4 Straight PC terminals, 4 (.157) terminal spacing or right angle terminals , with Ø 6,35 (1/4) threaded bushing 5 Solder lug terminals, with Ø 6 (.236) threaded bushing. 6 Solder lug terminals, with Ø 6,35 (1/4) or Ø 11,9 (15/32) threaded bushing. 7 Solder lug terminals, with Ø 6,35 (1/4) flatted bushing. 9 Straight PC or quick-connect terminals, with Ø 6,35 (1/4) flatted bushing, 4,70 (.185) terminal spacing. Number of poles 3 Single pole 4 Double pole 5 Three pole 6 Four pole Electrical functions 6 ON - ON 9 ON OFF ON 7 MOM OFF MOM 8 ON OFF MOM 2 ON - MOM 4 ON ON ON ON ON MOM ▲ MOM ON MOM ▲ Function 4 Must not have blank in "connections" box. . ▲ Must not have blank in "momentary" box. Connections for function 4 TH Standard CT Reversed See wiring diagrams end of section B. . For functions 4, 4-1R, 4-2R. Leave blank for all other functions. Momentary for function 4 1R ON ON MOM 2R MOM ON MOM Leave blank for other functions. Terminals Blank Solder lugs or straight PC depending on model M Solder lugs with Ø 11,9 (15/32) bushing (5600 switches) MIWR Wire wrap (for 5200 switches only) W Right angle, horizontal mounting (5200 - 5400 switches) WW Right angle, vertical mounting (5200 - 5400 switches) Y ] Y4 ] Bracket mounting (5200 switches) Y6 ] Y7 ] Z Quick connect (5200 - 5100 - 5900 switches) ABOUT THIS SERIES On the following pages, you will find successively : - model structure of switches with threaded bushing - model structure of switches with plain bushing - options in the same order as in above chart Dimensions : first dimensions are in mm while inches are shown as bracketted numbers. NOTICE : please note that not all combinations of above numbers are available. Refer to the following pages for further information. |