전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMMCL002AWP 데이터시트(PDF) 4 Page - Advanced Micro Devices

부품명 AMMCL002AWP
상세설명  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP 데이터시트(HTML) 4 Page - Advanced Micro Devices

  AMMCL002AWP Datasheet HTML 1Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 2Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 3Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 4Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 5Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 6Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 7Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 8Page - Advanced Micro Devices AMMCL002AWP Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
AmMCL00XA
PR EL IMIN A R Y
Figure 1.
Miniature Card Connector (Card Bottom View)
Note: Refer to the Physical Dimensions section for more information. Also refer to the MCIF specification for detailed mechanical
information, available on the Web at http://www.mcif.org.
Table 2.
AMD Flash Miniature Cards and Flash Devices
Family Part Number
Density
No. of Flash Devices
AMD Flash Memory
AmMCL002AWP
2 Mbyte
2
Am29LV081
AmMCL004AWP
4 Mbyte
4
Am29LV081
Write Protect Switch (optional)
Pad 60
Pad 31
Pad 30
Pad 1
VCC
CINS#
GND
3V/5V
Key
Alignment
Notch
21138E-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36