전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MACH211SP-7VC 데이터시트(PDF) 29 Page - Advanced Micro Devices

부품명 MACH211SP-7VC
상세설명  High-Density EE CMOS Programmable Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH211SP-7VC 데이터시트(HTML) 29 Page - Advanced Micro Devices

Back Button MACH211SP-7VC Datasheet HTML 25Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 26Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 27Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 28Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 29Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 30Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 31Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 32Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
MACH211SP-7/10/12/15/20
29
ENDURANCE CHARACTERISTICS
The MACH families are manufactured using AMD’s ad-
vanced Electrically Erasable process. This technology
uses an EE cell to replace the fuse link used in bipolar
parts. As a result, the device can be erased and repro-
grammed, a feature which allows 100% testing at the
factory.
Endurance Characteristics
Parameter
Symbol
Parameter Description
Min
Units
Test Conditions
tDR
Min Pattern Data Retention Time
10
Years
Max Storage Temperature
20
Years
Max Operating Temperature
N
Max Reprogramming Cycles
100
Cycles
Normal Programming Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37