전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7981ATR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L7981ATR
상세설명  3 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981ATR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L7981ATR Datasheet HTML 4Page - STMicroelectronics L7981ATR Datasheet HTML 5Page - STMicroelectronics L7981ATR Datasheet HTML 6Page - STMicroelectronics L7981ATR Datasheet HTML 7Page - STMicroelectronics L7981ATR Datasheet HTML 8Page - STMicroelectronics L7981ATR Datasheet HTML 9Page - STMicroelectronics L7981ATR Datasheet HTML 10Page - STMicroelectronics L7981ATR Datasheet HTML 11Page - STMicroelectronics L7981ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Functional description
L7981
8/44
Doc ID 15182 Rev 3
5
Functional description
The L7981 is based on a “voltage mode”, constant frequency control. The output voltage
VOUT is sensed by the feedback pin (FB) compared to an internal reference (0.6 V) providing
an error signal that, compared to a fixed frequency sawtooth, controls the on and off time of
the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
●
A fully integrated oscillator that provides sawtooth to modulate the duty cycle and the
synchronization signal. Its switching frequency can be adjusted by an external resistor.
The voltage and frequency feed forward are implemented.
●
The soft-start circuitry to limit inrush current during the start up phase.
●
The voltage mode error amplifier
●
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch.
●
The high-side driver for embedded p-channel power MOSFET switch.
●
The peak current limit sensing block, to handle over load and short circuit conditions.
●
A voltage regulator and internal reference. It supplies internal circuitry and provides a
fixed internal reference.
●
A voltage monitor circuitry (UVLO) that checks the input and internal voltages.
●
A thermal shutdown block, to prevent thermal run away.
Figure 3.
Block diagram
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
0.6V
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
UVLO
0.6V
REGULATOR
&
BANDGAP
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com