| 전자부품 데이터시트 검색엔진 |
|
L7981ATR 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7981ATR 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 44 page ![]() July 2010 Doc ID 15182 Rev 3 1/44 44 L7981 3 A step-down switching regulator Features ■ 3 A DC output current ■ 4.5 V to 28 V input voltage ■ Output voltage adjustable from 0.6 V ■ 250 kHz switching frequency, programmable up to 1 MHz ■ Internal soft-start and enable ■ Low dropout operation: 100% duty cycle ■ Voltage feed-forward ■ Zero load current operation ■ Overcurrent and thermal protection ■ VFQFPN3x3-8L and HSOP8 package Applications ■ Consumer: STB, DVD, DVD recorder, car audio, LCD TV and monitors ■ Industrial: PLD, PLA, FPGA, chargers ■ Networking: XDSL, modems, DC-DC modules ■ Computer: Optical storage, hard disk drive, printers, audio/graphic cards ■ Suitable for LED driving Description The L7981 is a step down switching regulator with 3.7 A (minimum) current limited embedded power MOSFET, so it si able to deliver up to 3 A current to the load depending on the application conditions. The input voltage can range from 4.5 V to 28 V, while the output voltage can be set starting from 0.6 V to VIN. Requiring a minimum set of external components, the device includes an internal 250 kHz switching frequency oscillator that can be externally adjusted up to 1 MHz. The QFN and the HSOP packages with exposed pad allow reducing the RthJA down to 60°C/W and 40°C/W respectively. Figure 1. Application circuit HSOP8 exposed pad VFQFPN8 3x3 www.st.com |
유사한 부품 번호 - L7981ATR |
|
유사한 설명 - L7981ATR |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |