| 전자부품 데이터시트 검색엔진 |
|
PSD833F2 데이터시트(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD833F2 데이터시트(HTML) 96 Page - STMicroelectronics |
|
96 / 128 page ![]() AC/DC parameters PSD8XXFX 96/128 Doc ID 7833 Rev 7 Table 42. AC signal letters for PLD timing(1) 1. Example: tAVLX = time from address valid to ALE invalid. Letter Signal description A Address input C CEout output D Input data E E output G Internal WDOG_ON signal I Interrupt input LALE input N RESET input or output P Port signal output Q Output data RWR, UDS, LDS, DS, IORD, PSEN inputs S Chip Select input TR/W input W Internal PDN signal M Output macrocell Table 43. AC signal behavior symbols for PLD timing(1) 1. Example: tAVLX = time from address valid to ALE invalid. Letter AC signal description tTime L Logic level low or ALE H Logic level high VValid X No longer a valid logic level(2) 2. Output Hi-Z is defined as the point where data out is no longer driven. ZFloat PW Pulse width Table 44. AC measurement conditions Symbol Parameter Min. Max. Unit CL Load capacitance 30 pF Obsolete Product(s) - Obsolete Product(s) |