| 전자부품 데이터시트 검색엔진 |
|
JS28F640P33TF70 데이터시트(PDF) 71 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS28F640P33TF70 데이터시트(HTML) 71 Page - Numonyx B.V |
|
71 / 88 page ![]() Datasheet Jul 2011 71 Order Number:208034-04 P33-65nm SBC Table 41: CFI Link Information Length Description (Optional flash features and commands) Add. Hex Code Value 4 CFI Link Field bit definitions Bits 0-9 = Address offset (within 32Mbit segment) of referenced CFI table Bits 10-27 = nth 32Mbit segment of referenced CFI table Bits 28-30 = Memory Type Bit 31 = Another CFI Link field immediately follows 152: 153: 154: 155: -FF 1 CFI Link Field Quantity Subfield definitions Bits 0-3 = Quantity field (n such that n+1 equals quantity) Bit 4 = Table & Die relative location Bit 5 = Link Field & Table relative location Bits 6-7 = Reserved 156: -FF |