| 전자부품 데이터시트 검색엔진 |
|
STM32F215VE 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215VE 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 173 page ![]() This is information on a product in full production. October 2012 Doc ID 17050 Rev 8 1/173 1 STM32F215xx STM32F217xx ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128+4KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera Datasheet − production data Features ■ Core: ARM 32-bit Cortex™-M3 CPU (120 MHz max) with Adaptive real-time accelerator (ART Accelerator™) allowing 0-wait state execution performance from Flash memory, MPU, 150 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1) ■ Memories – Up to 1 Mbyte of Flash memory – 512 bytes of OTP memory – Up to 128 + 4 Kbytes of SRAM – Flexible static memory controller that supports Compact Flash, SRAM, PSRAM, NOR and NAND memories – LCD parallel interface, 8080/6800 modes ■ CRC calculation unit ■ Clock, reset and supply management – From 1.8 to 3.6 V application supply+I/Os – POR, PDR, PVD and BOR – 4 to 26 MHz crystal oscillator – Internal 16 MHz factory-trimmed RC – 32 kHz oscillator for RTC with calibration – Internal 32 kHz RC with calibration ■ Low power – Sleep, Stop and Standby modes –VBAT supply for RTC, 20 × 32 bit backup registers, and optional 4 KB backup SRAM ■ 3 × 12-bit, 0.5 µs ADCs with up to 24 channels and up to 6 MSPS in triple interleaved mode ■ 2 × 12-bit D/A converters ■ General-purpose DMA: 16-stream controller with centralized FIFOs and burst support ■ 96-bit unique ID ■ Up to 17 timers – Up to twelve 16-bit and two 32-bit timers, up to 120 MHz, each with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input ■ Debug mode: Serial wire debug (SWD), JTAG, and Cortex-M3 Embedded Trace Macrocell™ ■ Up to 140 I/O ports with interrupt capability: – Up to 136 fast I/Os up to 60 MHz – Up to 138 5 V-tolerant I/Os ■ Up to 15 communication interfaces – Up to 3 × I2C interfaces (SMBus/PMBus) – Up to 4 USARTs and 2 UARTs (7.5 Mbit/s, ISO 7816 interface, LIN, IrDA, modem control) – Up to 3 SPIs (30 Mbit/s), 2 with muxed I2S to achieve audio class accuracy via audio PLL or external PLL – 2 × CAN interfaces (2.0B Active) – SDIO interface ■ Advanced connectivity – USB 2.0 full-speed device/host/OTG controller with on-chip PHY – USB 2.0 high-speed/full-speed device/host/OTG controller with dedicated DMA, on-chip full-speed PHY and ULPI – 10/100 Ethernet MAC with dedicated DMA: supports IEEE 1588v2 hardware, MII/RMII ■ 8- to 14-bit parallel camera interface (48 Mbyte/s max) ■ Cryptographic acceleration – Hardware acceleration for AES 128, 192, 256, Triple DES, HASH (MD5, SHA-1) – Analog true random number generator ■ Analog true random number generator Table 1. Device summary Reference Part number STM32F215xx STM32F215RG, STM32F215VG, STM32F215ZG, STM32F215RE, STM32F215VE, STM32F215ZE STM32F217xx STM32F217VG, STM32F217IG, STM32F217ZG, STM32F217VE, STM32F217IE, STM32F217ZE LQFP64 (10 × 10 mm) LQFP100 (14 × 14 mm) LQFP144 (20 × 20 mm) LQFP176 (24 × 24 mm) FBGA UFBGA176 (10 × 10 mm) www.st.com |
유사한 부품 번호 - STM32F215VE |
|
유사한 설명 - STM32F215VE |