| 전자부품 데이터시트 검색엔진 |
|
STM32F215VE 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215VE 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 173 page ![]() Pinouts and pin description STM32F21xxx 48/173 Doc ID 17050 Rev 8 - - 124 152 C10 PG9 I/O FT PG9 USART6_RX / FSMC_NE2/FSMC_NCE3/ EVENTOUT - - 125 153 B10 PG10 I/O FT PG10 FSMC_NCE4_1/ FSMC_NE3/ EVENTOUT - - 126 154 B9 PG11 I/O FT PG11 FSMC_NCE4_2 / ETH_MII_TX_EN / ETH _RMII_TX_EN/ EVENTOUT - - 127 155 B8 PG12 I/O FT PG12 FSMC_NE4 / USART6_RTS/ EVENTOUT - - 128 156 A8 PG13 I/O FT PG13 FSMC_A24 / USART6_CTS /ETH_MII_TXD0/ ETH_RMII_TXD0/ EVENTOUT - - 129 157 A7 PG14 I/O FT PG14 FSMC_A25 / USART6_TX /ETH_MII_TXD1/ ETH_RMII_TXD1/ EVENTOUT - - 130 158 D7 VSS_11 SVSS_11 - - 131 159 C7 VDD_11 SVDD_11 - - 132 160 B7 PG15 I/O FT PG15 USART6_CTS / DCMI_D13/ EVENTOUT 55 89 133 161 A10 PB3 I/O FT JTDO/ TRACESWO JTDO/ TRACESWO/ SPI3_SCK / I2S3_SCK / TIM2_CH2 / SPI1_SCK/ EVENTOUT 56 90 134 162 A9 PB4 I/O FT NJTRST NJTRST/ SPI3_MISO / TIM3_CH1 / SPI1_MISO/ EVENTOUT 57 91 135 163 A6 PB5 I/O FT PB5 I2C1_SMBA/ CAN2_RX / OTG_HS_ULPI_D7 / ETH_PPS_OUT/TIM3_CH2 / SPI1_MOSI/ SPI3_MOSI / DCMI_D10 / I2S3_SD/ EVENTOUT 58 92 136 164 B6 PB6 I/O FT PB6 I2C1_SCL/ TIM4_CH1 / CAN2_TX / DCMI_D5/USART1_TX/ EVENTOUT Table 5. STM32F21x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |