| 전자부품 데이터시트 검색엔진 |
|
STM32F215ZE 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215ZE 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 173 page ![]() STM32F21xxx Electrical characteristics Doc ID 17050 Rev 8 59/173 5 Electrical characteristics 5.1 Parameter conditions Unless otherwise specified, all voltages are referenced to VSS. 5.1.1 Minimum and maximum values Unless otherwise specified the minimum and maximum values are guaranteed in the worst conditions of ambient temperature, supply voltage and frequencies by tests in production on 100% of the devices with an ambient temperature at TA = 25 °C and TA = TAmax (given by the selected temperature range). Data based on characterization results, design simulation and/or technology characteristics are indicated in the table footnotes and are not tested in production. Based on characterization, the minimum and maximum values refer to sample tests and represent the mean value plus or minus three times the standard deviation (mean±3 Σ). 5.1.2 Typical values Unless otherwise specified, typical data are based on TA = 25 °C, VDD = 3.3 V (for the 1.8 V ≤ VDD ≤ 3.6 V voltage range). They are given only as design guidelines and are not tested. Typical ADC accuracy values are determined by characterization of a batch of samples from a standard diffusion lot over the full temperature range, where 95% of the devices have an error less than or equal to the value indicated (mean±2 Σ). 5.1.3 Typical curves Unless otherwise specified, all typical curves are given only as design guidelines and are not tested. 5.1.4 Loading capacitor The loading conditions used for pin parameter measurement are shown in Figure 14. 5.1.5 Pin input voltage The input voltage measurement on a pin of the device is described in Figure 15. Figure 14. Pin loading conditions Figure 15. Pin input voltage MS19011V1 C = 50 pF STM32F pin OSC_OUT (Hi-Z when using HSE or LSE) MS19010V1 STM32F pin VIN OSC_OUT (Hi-Z when using HSE or LSE) |