| 전자부품 데이터시트 검색엔진 |
|
STM32F215ZE 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215ZE 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 173 page ![]() Pinouts and pin description STM32F21xxx 44/173 Doc ID 17050 Rev 8 -- - 83 M11 PH6 I/O FT PH6 I2C2_SMBA / TIM12_CH1 / ETH_MII_RXD2/ EVENTOUT -- - 84 N12 PH7 I/O FT PH7 I2C3_SCL / ETH_MII_RXD3/ EVENTOUT -- - 85 M12 PH8 I/O FT PH8 I2C3_SDA / DCMI_HSYNC/ EVENTOUT -- - 86 M13 PH9 I/O FT PH9 I2C3_SMBA / TIM12_CH2/ DCMI_D0/ EVENTOUT - - - 87 L13 PH10 I/O FT PH10 TIM5_CH1 / DCMI_D1/ EVENTOUT - - - 88 L12 PH11 I/O FT PH11 TIM5_CH2 / DCMI_D2/ EVENTOUT -- - 89 K12 PH12 I/O FT PH12 TIM5_CH3 / DCMI_D3/ EVENTOUT -- - 90 H12 VSS_14 SVSS_14 -- - 91 J12 VDD_14 SVDD_14 33 51 73 92 P12 PB12 I/O FT PB12 SPI2_NSS/I2S2_WS/ I2C2_SMBA/ USART3_CK/ TIM1_BKIN / CAN2_RX / OTG_HS_ULPI_D5/ ETH_RMII_TXD0 / ETH_MII_TXD0/ OTG_HS_ID/ EVENTOUT 34 52 74 93 P13 PB13 I/O FT PB13 SPI2_SCK / I2S2_SCK / USART3_CTS/ TIM1_CH1N /CAN2_TX / OTG_HS_ULPI_D6 / ETH_RMII_TXD1 / ETH_MII_TXD1/ EVENTOUT OTG_HS_ VBUS 35 53 75 94 R14 PB14 I/O FT PB14 SPI2_MISO/ TIM1_CH2N / TIM12_CH1 / OTG_HS_DM USART3_RTS/ TIM8_CH2N/ EVENTOUT 36 54 76 95 R15 PB15 I/O FT PB15 SPI2_MOSI / I2S2_SD / TIM1_CH3N / TIM8_CH3N / TIM12_CH2 / OTG_HS_DP / RTC_50Hz/ EVENTOUT -55 77 96 P15 PD8 I/O FT PD8 FSMC_D13 / USART3_TX/ EVENTOUT Table 5. STM32F21x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |