| 전자부품 데이터시트 검색엔진 |
|
STM32F217VG 데이터시트(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F217VG 데이터시트(HTML) 47 Page - STMicroelectronics |
|
47 / 173 page ![]() STM32F21xxx Pinouts and pin description Doc ID 17050 Rev 8 47/173 - - - 134 C13 PI3 I/O FT PI3 TIM8_ETR / SPI2_MOSI / I2S2_SD / DCMI_D10/ EVENTOUT - - - 135 D9 VSS_15 SVSS_15 - - - 136 C9 VDD_15 SVDD_15 49 76 109 137 A14 PA14 I/O FT JTCK-SWCLK JTCK-SWCLK/ EVENTOUT 50 77 110 138 A13 PA15 I/O FT JTDI JTDI/ SPI3_NSS/ I2S3_WS/TIM2_CH1_ETR / SPI1_NSS/ EVENTOUT 51 78 111 139 B14 PC10 I/O FT PC10 SPI3_SCK / I2S3_SCK / UART4_TX / SDIO_D2 / DCMI_D8 / USART3_TX/ EVENTOUT 52 79 112 140 B13 PC11 I/O FT PC11 UART4_RX/ SPI3_MISO / SDIO_D3 / DCMI_D4/USART3_RX/ EVENTOUT 53 80 113 141 A12 PC12 I/O FT PC12 UART5_TX/SDIO_CK / DCMI_D9 / SPI3_MOSI / I2S3_SD / USART3_CK/ EVENTOUT - 81 114 142 B12 PD0 I/O FT PD0 FSMC_D2/CAN1_RX/ EVENTOUT - 82 115 143 C12 PD1 I/O FT PD1 FSMC_D3 / CAN1_TX/ EVENTOUT 54 83 116 144 D12 PD2 I/O FT PD2 TIM3_ETR/UART5_RX SDIO_CMD / DCMI_D11/ EVENTOUT - 84 117 145 D11 PD3 I/O FT PD3 FSMC_CLK/USART2_CTS/ EVENTOUT - 85 118 146 D10 PD4 I/O FT PD4 FSMC_NOE/USART2_RTS/ EVENTOUT - 86 119 147 C11 PD5 I/O FT PD5 FSMC_NWE/USART2_TX/ EVENTOUT - - 120 148 D8 VSS_10 SVSS_10 - - 121 149 C8 VDD_10 SVDD_10 - 87 122 150 B11 PD6 I/O FT PD6 FSMC_NWAIT/USART2_RX / EVENTOUT - 88 123 151 A11 PD7 I/O FT PD7 USART2_CK/FSMC_NE1/F SMC_NCE2/ EVENTOUT Table 5. STM32F21x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |