전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APU429 데이터시트(PDF) 8 Page - Aplus Intergrated Circuits

부품명 APU429
상세설명  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APLUS [Aplus Intergrated Circuits]
홈페이지  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 데이터시트(HTML) 8 Page - Aplus Intergrated Circuits

Back Button APU429 Datasheet HTML 4Page - Aplus Intergrated Circuits APU429 Datasheet HTML 5Page - Aplus Intergrated Circuits APU429 Datasheet HTML 6Page - Aplus Intergrated Circuits APU429 Datasheet HTML 7Page - Aplus Intergrated Circuits APU429 Datasheet HTML 8Page - Aplus Intergrated Circuits APU429 Datasheet HTML 9Page - Aplus Intergrated Circuits APU429 Datasheet HTML 10Page - Aplus Intergrated Circuits APU429 Datasheet HTML 11Page - Aplus Intergrated Circuits APU429 Datasheet HTML 12Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Functional Description
SRAM
The 256 x 4 bits index SRAM and 128 x 4 bits data SRAM are 2 separate regions.
Index ROM
The 256 x 8 bits index ROM can be used as a 4-bit mode or an 8-bit mode.
I/O ports
The IOA port can be selected by software separately as input or output, and with/without internal pull-low and
different chattering clocks in order for HALT release/ interrupt trigger to reduce the bounce of key_scan:
PH6: 512Hz PH8:128Hz PH10: 32Hz
The pull-low of the IOA will be masked off for those pins defined as output pins.
The IOA port can be used as a pseudo serial output port.
The IOB port can be selected by software separately as input or output.
The IOC port can be selected by software separately as input or output, and with/without internal pull-low and
different chattering clocks in order for HALT release/ interrupt trigger to reduce the bounce of key_scan.
The IOD port can be selected by software separately as input or output.
The IOD port can be used as a pseudo serial output port.
The initial state of all I/O ports is standard input state and IOA, C have pull-low device.
Before setting some pins from input to output, you can execute the output function to ensure their output value.
The S ports are input pins that contain pull-low. The L_L_H resistor can be selected by mask option and
different chattering clocks in the same manner as the IOA, C ports.
Resistor to frequency converter
We use an RC oscillation circuit and a 16-bit counter to calculate the relative resistance of temperature and
humidity sensor. The diagram is shown below:
RT
RH
RR
CX
ELP
RHM
Rref
CX
ENX
EHM
FIN
ERR
ENX
FIN
Freq.
CL
LD
16-Bit Counter
4-Bit Data Bus
Freq.
CL
LD
TMS
PH9
MRF
Timer & R/F
Controller
RTP
There are two types of methodology for measuring the input frequency: first, set FIN (i.e. CX) as the clock
input, using timer 2 as interval control or using software to directly control the interval. Second, if the FIN (CX)
frequency is too low, either because of a poor resolution for a fixed interval or a longer interval for better
Preliminary
8
Ver. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com