| 전자부품 데이터시트 검색엔진 |
|
APU429 데이터시트(PDF) 14 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
APU429 데이터시트(HTML) 14 Page - Aplus Intergrated Circuits |
|
14 / 18 page ![]() Instruction Machine Code Function Flag/Remark LDA Rx 0110 1100 0XXX XXXX AC Rx LDA @HL 0100 1100 1000 0000 AC @HL MRA Rx 0110 1101 0XXX XXXX CF Rx3 MRW @HL,Rx 0110 1110 0XXX XXXX AC,@HL Rx MWR Rx,@HL 0110 1111 0XXX XXXX AC,Rx @HL MRW Ry,Rx 0111 0YYY YXXX XXXX AC,Ry Rx MWR Rx,Ry 0111 1YYY YXXX XXXX AC,Rx Ry JB0 X 1000 0XXX XXXX XXXX PC X if AC0 = 1 JB1 X 1000 1XXX XXXX XXXX PC X if AC1 = 1 JB2 X 1001 0XXX XXXX XXXX PC X if AC2 = 1 JB3 X 1001 1XXX XXXX XXXX PC X if AC3 = 1 JNZ X 1010 0XXX XXXX XXXX PC X if AC 0 JNC X 1010 1XXX XXXX XXXX PC X if CF = 0 JZ X 1011 0XXX XXXX XXXX PC X if AC0 = 0 JC X 1011 1XXX XXXX XXXX PC X if CF = 1 CALL X 1100 0XXX XXXX XXXX STACK PC+1 PC X JMP X 1101 0XXX XXXX XXXX PC X RTS 1101 1000 0000 0000 PC STACK CALL Return SCC X 1101 1001 0XXX XXXX X6 = 1: Cfq = BCLK X6 = 0: Cfq = PH0 X5 = 1: Cpw = BCLK X5 = 1: Cpw = PH0 X4, 3 = 1X: Set P(A) X4, 3 = 01: Set P(S) X4, 3 = 00 Set P (C) X2,1,0=001: Cch = PH10 X2,1,0=010: Cch = PH8 X2,1,0=1XX: Cch = PH6 SCA X (SMS) 1101 1010 00XX XXXX X0~3: S1~4 Enable (SEF0~3) X5: A1-4 Enable (SEF5) X4: C1-4 Enable (SEF4) SPA X 1101 1100 000X XXXX X4: Set A4~1 Pull-Low X3~0: Set A4~1 I/O SPB X 1101 1101 0000 XXXX X3~0: Set D4~1 I/O SPC X 1101 1110 000X XXXX X4: Set C4-1 Pull-Low/ Low-Level-Hold X3~0: Set C4-1 I/O SPD X 1101 1111 0000 XXXX X3-0: Set D4~1 I/O TMS Rx 1110 0000 0XXX XXXX Timer1 Rx, AC TMS @HL 1110 0001 0000 0000 Timer1 T@HL Preliminary 14 Ver. 0.0 |