전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADNS-3050 데이터시트(PDF) 30 Page - Pixart Imaging Inc.

부품명 ADNS-3050
상세설명  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PIXART [Pixart Imaging Inc.]
홈페이지  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 데이터시트(HTML) 30 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 31Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
30
LED_CTRL
Address: 0x40
Access: Read/Write
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD
LED_CONT_OFF
LED_CONT_OFF
LED_SEL
LED_SEL
Data Type: Eight bit unsigned integer.
USAGE:
This register is used to control the LED operating mode and current to optimization the power consumption.
Bit
Field Name
Description
7:4
Reserved
Reserved
3
LED_CONT_OFF
0: Normal operation (Default)
1: LED continuous off
2
LED_CONT_ON
0: Normal operation (Default)
1: LED continuous on
1:0
LED_SEL
0x00: LED current set to 20mA
0x01: LED current set to 15mA
0x02: LED current set to 36mA
0x03: LED current set to 30mA
Note: if LED operating in Automatic current switching mode (AUTO_LED_CONTROL [0] at address 0x43 is cleared,
LED current selling (LED_CONTROL) [1:0]) will be ignored. Only when AUTO current switching is disabled through
setting AUTO_LED_CONTROL [0], the LED driver current is determine by LED_CONTROL [1:0].
MOTION_CTRL
Address: 0x41
Access: Read/Write
Reset Value: 0x40
Bit
7
6
5
4
3
2
1
0
Field
MOT_ACT_HI
MOT_SENS
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Data Type: Eight bit unsigned integer.
USAGE:
This register is used to configure sensor motion control.
Bit
Field Name
Description
7
MOTION_ACTIVE_HI
0: Motion active low (default)
1: Motion active high
6
MOTION_SENSITIVITY
0: Motion pin is level sensitive
1: Motion pin is edge sensitive(default)
5:0
Reserved
Reserved
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Bit
7
6543210
Field
RRID7
RRID6
RRID5
RRID4
RRID3
RRID2
RRID1
RRID0
Data Type: Eight bit unsigned integer
USAGE:
This register contains the inverse of the revision ID which is located at register 0x01.
INV_REV_ID
Address: 0x3f
Access: Read
Reset Value: 0xff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com