전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADNS-3050 데이터시트(PDF) 31 Page - Pixart Imaging Inc.

부품명 ADNS-3050
상세설명  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PIXART [Pixart Imaging Inc.]
홈페이지  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 데이터시트(HTML) 31 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 31Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
AUTO_LED_CONTROL
Address: 0x43
Access: Read/Write
Reset Value: 0x08
Bit
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD
LED_HI
LED_HI
AUTO_LED_DS
AUTO_LED_DS
Data Type: Bit field
USAGE:
This is a“smart”LED drive feature whereby the LED current is self adjusting between the low and high current
settings (bit 3:1) according to the brightness of the tracking surface if this feature is enable (via clearing bit 0).
The brighter the surface, the lower the LED current will be. If A_LED_DIS (bit 0) is set, this means AUTO_LED
mode is disable, then the LED current determine by LSEL[1:0] setting in LED_CTRL register (0x40).
Bit
Field Name
Description
7:4
Reserved
Reserved
3:2
LED_HI
0x0: Auto LED high current is 15mA
0x1: Auto LED high current is 20mA
0x2: Auto LED high current is 30mA
0x3: Auto LED high current is 36mA
1
LED_LO
0x0: Auto LED low current is 15mA
0x1: Auto LED low current is 20mA
0
AUTO_LED_DIS
0x0: Enable Auto LED current switching
0x1: Disable Auto LED current switching
NOTE:
When AUTO LED is enable, the AUTO_LED current will be switched between low and high current setting
determined by LED_LO and LED_HI [1:0]. If LED_LO current setting is higher than the LED_HI, the current will
be based on the higher setting. For example if the LED_LO is 20mA and LED_HI is 15mA, the AUTOLED current
will be fixed at 20mA.
REST_MODE_CONFIG
Address: 0x45
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
RM1
RM0
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Data Type: Eight bit unsigned integer.
USAGE:
This register is used to set the operating mode of the ADNS-3050.
Bit(s)
Field Name
Description
7:6
RM[1:0]
Sensor Operating Mode
0x00: Normal (default)
0x01: Rest 1
0x02: Rest 2
0x03: Rest 3
5:0
RSVD
Reserved
Read operation to REST_MODE_CONFIG indicates which mode the sensor is in. Write operation into this register
will force the sensor into rest modes (Rest 1, 2 or 3). Write the value 0x40 into 0x45 register to force sensor into
Rest 1, 0x80 to Rest 2 or 0xC0 to Rest 3. To get out of any forced rest mode, write 0x00 into this register to set
back to normal mode.
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com