전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3658B-BCTP 데이터시트(PDF) 88 Page - ams AG

부품명 AS3658B-BCTP
상세설명  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3658B-BCTP 데이터시트(HTML) 88 Page - ams AG

Back Button AS3658B-BCTP Datasheet HTML 84Page - ams AG AS3658B-BCTP Datasheet HTML 85Page - ams AG AS3658B-BCTP Datasheet HTML 86Page - ams AG AS3658B-BCTP Datasheet HTML 87Page - ams AG AS3658B-BCTP Datasheet HTML 88Page - ams AG AS3658B-BCTP Datasheet HTML 89Page - ams AG AS3658B-BCTP Datasheet HTML 90Page - ams AG AS3658B-BCTP Datasheet HTML 91Page - ams AG AS3658B-BCTP Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
87 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9 Detailed Description- Audio Functions
The audio functions consist of all the audio features of AS3658 as shown in the following block diagram:
Figure 35. AS3658 Audio Functions
9.1
Audio Paths
Following Audio paths are possible (only one configuration is possible at the same time):
Figure 36. AS3658 I2S I/O 1 or I2S I/O2 Playback
Note: As the touch screen interface is merged with I2S Output 3 and SPDIF Output 4 either the touch screen
interface or I2S Output 3 and SPDIF Output 4 can be used at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More