전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3658B-BCTP 데이터시트(PDF) 89 Page - ams AG

부품명 AS3658B-BCTP
상세설명  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3658B-BCTP 데이터시트(HTML) 89 Page - ams AG

Back Button AS3658B-BCTP Datasheet HTML 85Page - ams AG AS3658B-BCTP Datasheet HTML 86Page - ams AG AS3658B-BCTP Datasheet HTML 87Page - ams AG AS3658B-BCTP Datasheet HTML 88Page - ams AG AS3658B-BCTP Datasheet HTML 89Page - ams AG AS3658B-BCTP Datasheet HTML 90Page - ams AG AS3658B-BCTP Datasheet HTML 91Page - ams AG AS3658B-BCTP Datasheet HTML 92Page - ams AG AS3658B-BCTP Datasheet HTML 93Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
88 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
Figure 37. AS3658 Line In Recording
Figure 38. AS3658 Microphone Recording
It is also possible to use the Audio ADC and the Audio DAC at the same time. In this case, the sampling frequency of
the Audio DAC is either two or four times the sampling rate of the Audio ADC (ADC: max. 16ks / seconds). The
equalizer should not be used in this case:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More