전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5055 데이터시트(PDF) 10 Page - ams AG

부품명 AS5055
상세설명  Low Power 12-Bit Magnetic Rotary Encoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5055 데이터시트(HTML) 10 Page - ams AG

Back Button AS5055 Datasheet HTML 6Page - ams AG AS5055 Datasheet HTML 7Page - ams AG AS5055 Datasheet HTML 8Page - ams AG AS5055 Datasheet HTML 9Page - ams AG AS5055 Datasheet HTML 10Page - ams AG AS5055 Datasheet HTML 11Page - ams AG AS5055 Datasheet HTML 12Page - ams AG AS5055 Datasheet HTML 13Page - ams AG AS5055 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ams.com/AS5055
Revision 1.16
10 - 26
AS5055
Datasheet - Detailed Descr i p ti on
7.2.3 Write Data Package (Value Written to AS5055)
The write frame is compatible to the read frame and contains two additional bits, the don’t care and parity flag.
If the previous command was a write command a second package has to be transmitted.
7.2.4 Register Block
Table 8. Write Package
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
Data <13:0>
Don’t care
PAR
Bit
Description
Data
14-bit data to write to former selected address
PAR
Parity bit (EVEN)
Table 9. Register Block
Register
Bit
Mode
Reset Value
Bit
Description
Power ON Reset (POR) Register - [0x3F22]
POR_OFF
8
R/W
0x00
<7:0>
The POR cell is deactivated when the value 0x5A is written
to this register (30µA reduction of current consumption)
Software Reset Register - [0x3C00]
software_reset
14
W
0x000
<13:0>
Refer to SOFTWARE RESET Command on page 13
Master Reset Register - [0x33A5]
master_reset
14
W
0x000
<13:0>
Inject a power on reset cycle
Clear Error Flag Register - [0x3380]
clr_error_flag
14
R
0x000
<13:0>
Refer to CLEAR ERROR FLAG Command on page 12
No Operation Register - [0x0000]
NOP
14
w
0x000
<13:0>
Refer to NOP Command on page 14
Automatic Gain Control (AGC) Register - [0x03FF8]
AGC
6
R/W
0x20
<5:0>
Automatic gain control:
low values = strong magnetic field
high values = weak magnetic field
Angular Data - [0x3FFF]
Angle Value
12
R
0x000
<11:0>
Measured angular value, 12-bit
Alarm LO
1
R
0
<12>
Alarm bit indicating a too high magnetic field, active HIGH.
Refer to Error Monitoring on page 14
Alarm HI
1
R
0
<13>
Alarm bit indicating a too low magnetic field, active HIGH.
Refer to Error Monitoring on page 14
System Configuration Register 1 - [0x3F20]
resolution
2
R
‘00’
<13:12>
‘00’ indicates 12-bit resolution
chip ID
3
R
‘001’
<11:9>
Silicon version 001
Error Status Register - [0x335A]
error_status
14
R
0x000
<13:0>
Refer to Error Status Command on page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26