전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5262 데이터시트(PDF) 15 Page - ams AG

부품명 AS5262
상세설명  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5262 데이터시트(HTML) 15 Page - ams AG

Back Button AS5262 Datasheet HTML 11Page - ams AG AS5262 Datasheet HTML 12Page - ams AG AS5262 Datasheet HTML 13Page - ams AG AS5262 Datasheet HTML 14Page - ams AG AS5262 Datasheet HTML 15Page - ams AG AS5262 Datasheet HTML 16Page - ams AG AS5262 Datasheet HTML 17Page - ams AG AS5262 Datasheet HTML 18Page - ams AG AS5262 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
AS5262
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
14 - 36
Figure 11. Overview of the Angular Output Voltage
Figure 11 gives an overview of the different ranges. The failure bands are used to indicate a wrong operation of the AS5262. This can be caused
due to a broken supply line. By using the specified load resistors, the output level will remain in these bands during a fail. It is recommended to
set the clamping level CLL above the lower failure band and the clamping level CLH below the higher failure band.
Clamping Region Low
Failure Band Low
0
4
CLL
CLH
96
100
Failure Band High
Application Region
Clamping Region High
T2Y
T1Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37