전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5262 데이터시트(PDF) 34 Page - ams AG

부품명 AS5262
상세설명  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5262 데이터시트(HTML) 34 Page - ams AG

Back Button AS5262 Datasheet HTML 29Page - ams AG AS5262 Datasheet HTML 30Page - ams AG AS5262 Datasheet HTML 31Page - ams AG AS5262 Datasheet HTML 32Page - ams AG AS5262 Datasheet HTML 33Page - ams AG AS5262 Datasheet HTML 34Page - ams AG AS5262 Datasheet HTML 35Page - ams AG AS5262 Datasheet HTML 36Page - ams AG AS5262 Datasheet HTML 37Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
AS5262
Datasheet - Pack a ge Drawin gs and Ma r k ings
www.ams.com
Revision 1.1
33 - 36
Figure 21. Vertical Cross Section of MLF-16
Notes:
1. All dimensions in mm.
2. Die thickness 0.150mm nom.
3. Adhesive thickness 0.011mm.
4. Spacer thickness 0.203mm typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37