전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC3H4J00000F 데이터시트(PDF) 8 Page - Sharp Corporation

부품명 PC3H4J00000F
상세설명  Mini-flat Half Pitch Package, AC Input Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H4J00000F 데이터시트(HTML) 8 Page - Sharp Corporation

Back Button PC3H4J00000F Datasheet HTML 4Page - Sharp Corporation PC3H4J00000F Datasheet HTML 5Page - Sharp Corporation PC3H4J00000F Datasheet HTML 6Page - Sharp Corporation PC3H4J00000F Datasheet HTML 7Page - Sharp Corporation PC3H4J00000F Datasheet HTML 8Page - Sharp Corporation PC3H4J00000F Datasheet HTML 9Page - Sharp Corporation PC3H4J00000F Datasheet HTML 10Page - Sharp Corporation PC3H4J00000F Datasheet HTML 11Page - Sharp Corporation PC3H4J00000F Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Sheet No.: D2-A01502EN
8
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Please refer to the conditions in Fig.12.
VCE
Fig.13 Test Circuit for Response Time
0
10
8
6
4
2
02468
10
Forward current IF (mA)
7mA
5mA
3mA
1mA
Ta=25˚C
IC=0.5mA
Fig.14 Collector-emitter Saturation Voltage
vs. Forward Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
PC3H4J00000F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com