전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSM9JAA 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 FSM9JAA
상세설명  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM9JAA 데이터시트(HTML) 4 Page - Tyco Electronics

  FSM9JAA Datasheet HTML 1Page - Tyco Electronics FSM9JAA Datasheet HTML 2Page - Tyco Electronics FSM9JAA Datasheet HTML 3Page - Tyco Electronics FSM9JAA Datasheet HTML 4Page - Tyco Electronics FSM9JAA Datasheet HTML 5Page - Tyco Electronics FSM9JAA Datasheet HTML 6Page - Tyco Electronics FSM9JAA Datasheet HTML 7Page - Tyco Electronics FSM9JAA Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E6
E
FSMJRT Series
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Tactile Switches, .236 [6] x .236 [6], Radial Tape
.244
(6.19)
.142
(3.60)
10
° 0' Max.
“
A”
.138
(3.50)
.102
(2.59)
.012
(0.30)
.236
(5.99)
.012
±.008
(0.30
±0.20)
.709
(18.00)
.016
(0.40)
.039 + .004 - .000
(0.99 + 0.10 - 0.00)
.020
(0.50)
.047
(1.19)
.031
(0.78)
.157
(4.00)
MIN.
.167
(4.24)
.148
(3.75)
.709
± .008
(18.00
± 0.20)
.024
(0.60)
.500
± .012
(12.7
± 0.30)
.157
(3.98)
.250
± .039
(6.35
± 0.99)
.197
± .004)
4.83
± 0.10)
.197
± .004
(5.00
± 0.10)
.016
(.040)
MAX.
MAX.
TYP.
.244
(6.19)
.142
(3.60)
10
° 0' Max.
“
A”
.138
(3.50)
.102
(2.59)
.012
(0.30)
.236
(5.99)
.012
±.008
(0.30
±0.20)
.709
(18.00)
.016
(0.40)
.039 + .004 - .000
(0.99 + 0.10 - 0.00)
.020
(0.50)
.047
(1.19)
.031
(0.78)
.157
(4.00)
MIN.
.167
(4.24)
.148
(3.75)
.709
± .008
(18.00
± 0.20)
.024
(0.60)
.500
± .012
(12.7
± 0.30)
.157
(3.98)
.250
± .039
(6.35
± 0.99)
.197
± .004)
4.83
± 0.10)
.197
± .004
(5.00
± 0.10)
.016
(.040)
MAX.
MAX.
TYP.
Tyco
Alcoswitch
Dimension
Actuation
Electronics
A
Force
2-1437565-6
FSM2JRT
4.3 (.169)
160 +/-50 gm
2-1437565-2
FSM2JART
4.3 (.169)
260 +/-75 gm
4-1437565-0
FSM4JRT
5.0 (.197)
160 +/-50 gm
147997-1
FSM4JART
5.0 (.197)
260 +/-75 gm
4-1437565-8
FSM6JRT
7.0 (.276)
160 +/-50 gm
1571402-1
FSM6JART
7.0 (.276)
260 +/-75 gm
147694-1
FSM8JRT
9.5 (.374)
160 +/-50 gm
147871-1
FSM8JART
9.5 (.374)
260 +/-75 gm
1571010-1
FSM14JRT
13.0 (.512)
160 +/-50 gm
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, silver clad plate
Case..........................................Nylon
Actuator Button ......................PBT
Cover........................................Steel, tin plate
Terminals ................................Copper alloy, silver clad plate
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............ -40°F to +221°F (-40°C to +105°C)
Storage Temperature................-40°F to +221°F (-40°C to +105°C)
Solder Heat Resistance ............See Page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuation Force ......................See Below
Actuator Travel........................ .010" (,254)
Life Expectancy ......................Up to 100,000 Cycles
FSM4JRT



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com