전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSM9JAA 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 FSM9JAA
상세설명  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM9JAA 데이터시트(HTML) 6 Page - Tyco Electronics

  FSM9JAA Datasheet HTML 1Page - Tyco Electronics FSM9JAA Datasheet HTML 2Page - Tyco Electronics FSM9JAA Datasheet HTML 3Page - Tyco Electronics FSM9JAA Datasheet HTML 4Page - Tyco Electronics FSM9JAA Datasheet HTML 5Page - Tyco Electronics FSM9JAA Datasheet HTML 6Page - Tyco Electronics FSM9JAA Datasheet HTML 7Page - Tyco Electronics FSM9JAA Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
E8
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
FSMCD & FSMRACD Series
Tactile Switches, .236 [6] x .236 [6], Square Button, Straight or Right Angle
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
.236
(5.99)
.280
(7.11)
.236
(5.99)
.012
(0.30)
.276
(7.01)
.157
(3.99)
.157
± .001
(3.99
± 0.02)
.016
(0.40)
MAX.
.138
(3.50)
.075
(1.90)
.031
(0.78)
.028
(0.71)
.138
(3.50)
.016
(0.40)
.016
(0.40)
.051
(1.29)
2X
.012
(0.30)
.250
(6.35)
.157
(3.00)
.039
(0.99)
039
(0.99)
2X
.098
± .002
(2.49
± 0.05)
.276
± .004
7.01
± 0.10)
.276
± .004
7.01
± 0.10)
.177
± .004
(4.49
± 0.10)
.177
± .004
(4.49
± 0.10)
.331
± .004
(8.40
± 0.10)
“A”
Tyco
Alcoswitch
Dim. A
Electronics
Force
9-1437565-9
FSMRACD
.095 (2,42)
100±50g
1437566-1
FSMRACDA
.110 (2,80)
160±50g
FSMCDA
FSMRACDA
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, silver clad plate
Case..........................................Nylon
Actuator Button ......................Polyacetal Resin
Cover........................................Pet film
Terminals ................................Copper alloy, silver plate
Frame (R/A) ............................Steel, tin plate
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............ -4°F to +185°F (-20°C to +85°C)
Storage Temperature................-22°F to +185°F (-30°C to +85°C)
Solder Heat Resistance ............See Page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms Max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuation Force ......................100 and 160 ±50 Grams
Actuator Travel........................ .010"(,254)
Life Expectancy ......................Up to 100,000 Cycles
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
.236
(5.99 )
TYP.
.134
(3.40)
.043
(1.09)
.142
(3.60)
.138
(3.50)
.071
(1.80)
.311
(7.89 )
.027
(0.68)
.012
(0.30)
.177
(4.49)
.256
(6.50)
.039
(0.99)
TYP.
.028
(0.71 )
.177
(4.49)
.071
(1.80)
.010
(0.25)
STROKE
.154
(3.91)
.295
(7.5)
DIM. A
SQUARE
BUTTON
6 x 6 mm
6 x 6 mm
.098±.004
(2.5±0.10)
Type
Force
SPST
Off
(On)
100±50g
SPST
Off
(On)
160±50g
(On) indicates momentary position.
Tyco
Alcoswitch
Dim. A
Electronics
7-1437565-8
FSMCD
.095 (2,42)
7-1437565-9
FSMCDA
.110 (2,80)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com