| 전자부품 데이터시트 검색엔진 |
|
DSPIC30F3010 데이터시트(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F3010 데이터시트(HTML) 67 Page - Microchip Technology |
|
67 / 226 page ![]() © 2008 Microchip Technology Inc. DS70141E-page 65 dsPIC30F3010/3011 9.0 TIMER1 MODULE This section describes the 16-bit general purpose Timer1 module and associated operational modes. Figure 9-1 depicts the simplified block diagram of the 16-bit Timer1 module. The following sections provide a detailed description, including setup and control registers along with associ- ated block diagrams for the operational modes of the timers. The Timer1 module is a 16-bit timer which can serve as the time counter for the Real-time Clock (RTC), or oper- ate as a free-running interval timer/counter. The 16-bit timer has the following modes: • 16-bit Timer • 16-bit Synchronous Counter • 16-bit Asynchronous Counter Further, the following operational characteristics are supported: • Timer gate operation • Selectable prescaler settings • Timer operation during CPU Idle and Sleep modes • Interrupt on 16-bit Period register match or falling edge of external gate signal These operating modes are determined by setting the appropriate bit(s) in the 16-bit SFR, T1CON. Figure 9-1 presents a block diagram of the 16-bit timer module. 16-Bit Timer Mode: In the 16-Bit Timer mode, the timer increments on every instruction cycle up to a match value, preloaded into the Period register, PR1, then resets to ‘0’ and continues to count. When the CPU goes into the Idle mode, the timer will stop incrementing unless the TSIDL (T1CON<13>) bit = 0. If TSIDL = 1, the timer module logic will resume the incrementing sequence upon termination of the CPU Idle mode. 16-bit Synchronous Counter Mode: In the 16-bit Synchronous Counter mode, the timer increments on the rising edge of the applied external clock signal, which is synchronized with the internal phase clocks. The timer counts up to a match value preloaded in PR1, then resets to ‘0’ and continues. When the CPU goes into the Idle mode, the timer will stop incrementing, unless the respective TSIDL bit = 0. If TSIDL = 1, the timer module logic will resume the incrementing sequence upon termination of the CPU Idle mode. 16-Bit Asynchronous Counter Mode: In the 16-Bit Asynchronous Counter mode, the timer increments on every rising edge of the applied external clock signal. The timer counts up to a match value preloaded in PR1, then resets to ‘0’ and continues. When the timer is configured for the Asynchronous mode of operation and the CPU goes into the Idle mode, the timer will stop incrementing if TSIDL = 1. Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and gen- eral device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). Note: Timer1 is a ‘Type A’ timer. Please refer to the specifications for a Type A timer in Sec- tion 23.0 “Electrical Characteristics” of this document. |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |