| 전자부품 데이터시트 검색엔진 |
|
DSPIC30F3010 데이터시트(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F3010 데이터시트(HTML) 85 Page - Microchip Technology |
|
85 / 226 page ![]() © 2008 Microchip Technology Inc. DS70141E-page 83 dsPIC30F3010/3011 13.0 OUTPUT COMPARE MODULE This section describes the output compare module and associated operational modes. The features provided by this module are useful in applications requiring operational modes such as: • Generation of Variable Width Output Pulses • Power Factor Correction Figure 13-1 depicts a block diagram of the output compare module. The key operational features of the output compare module include: • Timer2 and Timer3 Selection mode • Simple Output Compare Match mode • Dual Output Compare Match mode • Simple PWM mode • Output Compare during Sleep and Idle modes • Interrupt on Output Compare/PWM Event These operating modes are determined by setting the appropriate bits in the 16-bit OCxCON SFR (where x = 1,2,3,...,N). The dsPIC30F3010/3011 devices have 4/2 compare channels, respectively. OCxRS and OCxR in the figure represent the Dual Compare registers. In the Dual Compare mode, the OCxR register is used for the first compare and OCxRS is used for the second compare. FIGURE 13-1: OUTPUT COMPARE MODE BLOCK DIAGRAM Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and gen- eral device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). OCxR Comparator Output Logic Q S R OCM<2:0> Output Enable OCx Set Flag bit OCxIF OCxRS Mode Select 3 Note: Where ‘x’ is shown, reference is made to the registers associated with the respective output compare channels, 1 through N. OCFA OCTSEL 0 1 T2P2_MATCH TMR2<15:0 TMR3<15:0> T3P3_MATCH From GP Timer Module (for x = 1, 2, 3 or 4) 0 1 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |