전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT1765ES8 데이터시트(PDF) 8 Page - Linear Technology

부품명 LT1765ES8
상세설명  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT1765ES8 데이터시트(HTML) 8 Page - Linear Technology

Back Button LT1765ES8 Datasheet HTML 4Page - Linear Technology LT1765ES8 Datasheet HTML 5Page - Linear Technology LT1765ES8 Datasheet HTML 6Page - Linear Technology LT1765ES8 Datasheet HTML 7Page - Linear Technology LT1765ES8 Datasheet HTML 8Page - Linear Technology LT1765ES8 Datasheet HTML 9Page - Linear Technology LT1765ES8 Datasheet HTML 10Page - Linear Technology LT1765ES8 Datasheet HTML 11Page - Linear Technology LT1765ES8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
8
1765fd
Figure 2. Feedback Network
+
1.2V
VSW
VC
GND
1765 F02
R1
R2
10k
OUTPUT
ERROR
AMPLIFIER
FB
LT1765 (ADJ)
+
FB RESISTOR NETWORK
If an output voltage of 1.8V, 2.5V, 3.3V or 5V is required,
the respective fixed option part, -1.8, -2.5, -3.3 or -5,
should be used. The FB pin is tied directly to the output;
the necessary resistive divider is already included on
the part. For other voltage outputs, the adjustable part
should be used and an external resistor divider added.
The suggested resistor (R2) from FB to ground is 10k.
This reduces the contribution of FB input bias current to
output voltage to less than 0.25%. The formula for the
resistor (R1) from VOUT to FB is:
R
RV
RA
OUT
1
21 2
12
2 0 25
=
μ
(– . )
.–
( .
)
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
rating and turn-on surge problems. Y5V or similar type
ceramics can be used since the absolute value of capaci-
tance is less important and has no significant effect on
loop stability. If operation is required close to the minimum
input required by the output or the LT1765, a larger value
may be required. This is to prevent excessive ripple caus-
ing dips below the minimum operating voltage resulting
in erratic operation.
If tantalum capacitors are used, values in the 22μF to 470μF
range are generally needed to minimize ESR and meet
ripple current and surge ratings. Care should be taken to
ensure the ripple and surge ratings are not exceeded. The
AVX TPS and Kemet T495 series tantalum capacitors are
surge rated. AVX recommends derating capacitor operating
voltage by 2:1 for high surge applications.
OUTPUT CAPACITOR
Unlike the input capacitor, RMS ripple current in the output
capacitor is normally low enough that ripple current rating
is not an issue. The current waveform is triangular, with
an RMS value given by:
I
VV
V
Lf V
RIPPLE RMS
OUT
IN
OUT
IN
() =
()
()
()( )
(
029
.
))
The LT1765 will operate with both ceramic and tantalum
output capacitors. Ceramic capacitors are generally cho-
sen for their small size, very low ESR (effective series
resistance), and good high frequency operation. Ceramic
output capacitors in the 1μF to 10μF range, X7R or X5R
type are recommended.
Tantalum capacitors are usually chosen for their bulk
capacitance properties, useful in high transient load ap-
plications. ESR rather than absolute value defines output
ripple at 1.25MHz. Typical LT1765 applications require a
tantalum capacitor with less than 0.3Ω ESR at 22μF to
500μF, see Table 2. This ESR provides a useful zero in the
frequency response. Ceramic output capacitors with low
ESR usually require a larger VC capacitor or an additional
series R to compensate for this.
INPUT CAPACITOR
Step-down regulators draw current from the input supply
in pulses. The rise and fall times of these pulses are very
fast. The input capacitor is required to reduce the voltage
ripple at the input of LT1765 and to force the switching
current into a tight local loop, thereby minimizing EMI.
The RMS ripple current can be calculated from:
II
V
V
V
V
RIPPLE RMS
OUT
OUT
IN
OUT
IN
() =−
()/ 2
Ceramic capacitors are ideal for input bypassing. At higher
switching frequency, the energy storage requirement of
the input capacitor is reduced so values in the range of
1μF to 4.7μF are suitable for most applications. Their high
frequency capacitive nature removes most ripple current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com