전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT1765ES8 데이터시트(PDF) 3 Page - Linear Technology

부품명 LT1765ES8
상세설명  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT1765ES8 데이터시트(HTML) 3 Page - Linear Technology

  LT1765ES8 Datasheet HTML 1Page - Linear Technology LT1765ES8 Datasheet HTML 2Page - Linear Technology LT1765ES8 Datasheet HTML 3Page - Linear Technology LT1765ES8 Datasheet HTML 4Page - Linear Technology LT1765ES8 Datasheet HTML 5Page - Linear Technology LT1765ES8 Datasheet HTML 6Page - Linear Technology LT1765ES8 Datasheet HTML 7Page - Linear Technology LT1765ES8 Datasheet HTML 8Page - Linear Technology LT1765ES8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
3
1765fd
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1765E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Switch Current Limit
346
A
Oscillator Frequency
3.3V < VIN < 25V
l
1.1
1.25
1.6
MHz
Switch On Voltage Drop
I = 3A
l
270
430
mV
VIN Undervoltage Lockout
(Note 3)
l
2.47
2.6
2.73
V
VIN Supply Current
l
1
1.3
mA
Shutdown Supply Current
VSHDN = 0V, VIN = 25V, VSW = 0V
l
15
35
55
μA
μA
Feedback Voltage
3V < VIN < 25V, 0.4V < VC < 0.9V
(Note 3)
LT1765 (Adj)
l
1.182
1.176
1.2
1.218
1.224
V
V
LT1765-1.8
l
1.764
1.8
1.836
V
LT1765-2.5
l
2.45
2.5
2.55
V
LT1765-3.3
l
3.234
3.3
3.366
V
LT1765-5
l
4.9
5
5.1
V
FB Input Current
LT1765 (Adj)
l
–0.25
–0.5
μA
FB Input Resistance
LT1765-1.8
LT1765-2.5
LT1765-3.3
LT1765-5
l
l
l
l
10.5
14.7
19
29
15
21
27.5
42
21
30
39
60
FB Error Amp Voltage Gain
0.4V < VC < 0.9V
150
350
FB Error Amp Transconductance
ΔIVC = ±10μA
l
500
850
1300
μMho
VC Pin Source Current
VFB = VNOM – 17%
l
80
120
160
μA
VC Pin Sink Current
VFB = VNOM + 17%
l
70
110
180
μA
VC Pin to Switch Current Transconductance
5A/V
VC Pin Minimum Switching Threshold
Duty Cycle = 0%
0.4
V
VC Pin 3A ISW Threshold
0.9
V
Maximum Switch Duty Cycle
VC = 1.2V, ISW = 800mA, VIN = 6V
l
85
80
90
%
%
Minimum Boost Voltage Above Switch
ISW = 3A
l
1.8
2.7
V
Boost Current
ISW = 1A (Note 4)
ISW = 3A (Note 4)
l
l
20
70
30
140
mA
mA
SHDN Threshold Voltage
l
1.27
1.33
1.40
V
SHDN Threshold Current Hysteresis
l
47
10
μA
SHDN Input Current (Shutting Down)
SHDN = 60mV Above Threshold
l
–7
–10
–13
μA
SYNC Threshold Voltage
1.5
2.2
V
SYNC Input Frequency
1.6
2
MHz
SYNC Pin Resistance
ISYNC = 1mA
20
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 15V, VC = 0.8V, Boost = VIN + 5V, SHDN, SYNC and switch open unless otherwise noted.
Note 3: Minimum input voltage is defined as the voltage where the internal
regulator enters lockout. Actual minimum input voltage to maintain a
regulated output will depend on output voltage and load current. See
Applications Information.
Note 4: Current flows into the BOOST pin only during the on period of the
switch cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com