전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4467MJD 데이터시트(PDF) 12 Page - Microchip Technology

부품명 TC4467MJD
상세설명  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467MJD 데이터시트(HTML) 12 Page - Microchip Technology

Back Button TC4467MJD Datasheet HTML 8Page - Microchip Technology TC4467MJD Datasheet HTML 9Page - Microchip Technology TC4467MJD Datasheet HTML 10Page - Microchip Technology TC4467MJD Datasheet HTML 11Page - Microchip Technology TC4467MJD Datasheet HTML 12Page - Microchip Technology TC4467MJD Datasheet HTML 13Page - Microchip Technology TC4467MJD Datasheet HTML 14Page - Microchip Technology TC4467MJD Datasheet HTML 15Page - Microchip Technology TC4467MJD Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC4467/TC4468/TC4469
DS21425B-page 12
 2002 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
14-Lead PDIP (300 mil)
Example:
14-Lead CERDIP (300 mil)
Example:
Legend: XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask
rev#, and assembly code.
16-Lead SOIC (300 mil)
Example
:
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
YYWWNNN
TC4469COE
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
TC4467CPD
YYWWNNN
TC4468EJD
YYWWNNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22