전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4467MJD 데이터시트(PDF) 14 Page - Microchip Technology

부품명 TC4467MJD
상세설명  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467MJD 데이터시트(HTML) 14 Page - Microchip Technology

Back Button TC4467MJD Datasheet HTML 10Page - Microchip Technology TC4467MJD Datasheet HTML 11Page - Microchip Technology TC4467MJD Datasheet HTML 12Page - Microchip Technology TC4467MJD Datasheet HTML 13Page - Microchip Technology TC4467MJD Datasheet HTML 14Page - Microchip Technology TC4467MJD Datasheet HTML 15Page - Microchip Technology TC4467MJD Datasheet HTML 16Page - Microchip Technology TC4467MJD Datasheet HTML 17Page - Microchip Technology TC4467MJD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TC4467/TC4468/TC4469
DS21425B-page 14
 2002 Microchip Technology Inc.
14-Lead Ceramic Dual In-line – 300 mil (CERDIP)
.780 (19.81)
.740 (18.80)
.300 (7.62)
.230 (5.84)
.200 (5.08)
.160 (4.06)
.200 (5.08)
.125 (3.18)
.110 (2.79)
.090 (2.29)
.065 (1.65)
.045 (1.14)
.020 (0.51)
.016 (0.41)
.040 (1.02)
.020 (0.51)
.098 (2.49) MAX.
.030 (0.76) MIN.
14-Pin CERDIP (Narrow)
.400 (10.16)
.320 (8.13)
.015 (0.38)
.008 (0.20)
3° MIN.
PIN 1
.320 (8.13)
.290 (7.37)
.150 (3.81)
MIN.
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22