전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFL2803R3SWES 데이터시트(PDF) 2 Page - International Rectifier

부품명 AFL2803R3SWES
상세설명  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

AFL2803R3SWES 데이터시트(HTML) 2 Page - International Rectifier

  AFL2803R3SWES Datasheet HTML 1Page - International Rectifier AFL2803R3SWES Datasheet HTML 2Page - International Rectifier AFL2803R3SWES Datasheet HTML 3Page - International Rectifier AFL2803R3SWES Datasheet HTML 4Page - International Rectifier AFL2803R3SWES Datasheet HTML 5Page - International Rectifier AFL2803R3SWES Datasheet HTML 6Page - International Rectifier AFL2803R3SWES Datasheet HTML 7Page - International Rectifier AFL2803R3SWES Datasheet HTML 8Page - International Rectifier AFL2803R3SWES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
AFL2803R3S
Specifications
Electrical Performance Characteristics -55°C < T
CASE < +125°C, 16V< VIN < 40V unless otherwise specified.
For Notes to Specifications, refer to page 3
Input voltage
-0.5V to +50VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
16
28
40
V
OUTPUT VOLTAGE
1
2, 3
VIN = 28 Volts, 100% Load
3.27
3.23
3.30
3.33
3.37
V
OUTPUT CURRENT
VIN = 16, 28, 40 Volts,, Note 6
20
A
OUTPUT POWER
Note 6
66
W
MAXIMUM CAPACITIVE LOAD
4
Note 1
10,000
µF
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 28 Volts, 100% Load
Note 1, 6
-0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
Line
Load
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 16, 28, 40 Volts,
-20
-35
+20
+35
mV
OUTPUT RIPPLE VOLTAGE
1, 2, 3
VIN = 16, 28, 40 Volts,, 100% Load,
BW = 10MHz
30
mVpp
INPUT CURRENT
No Load
Inhibit 1
Inhibit 2
1
2, 3
1, 2, 3
1, 2, 3
VIN = 28 Volts,
IOUT = 0
Pin 4 Shorted to Pin 2
Pin 12 Shorted to Pin 8
80
100
5.0
50
mA
INPUT RIPPLE CURRENT
1, 2, 3
VIN = 28 Volts, 100% Load
B.W. = 10MHz
60
mApp
CURRENT LIMIT POINT
Expressed as a Percentage
of Full Rated Load
1
2
3
VOUT = 90% VNOM
Note 5
115
105
125
125
115
140
%
LOAD FAULT POWER DISSIPATION
Overload or Short Circuit
1, 2, 3
VIN = 28 Volts,
33
W
EFFICIENCY
1, 2, 3
VIN = 28 Volts, 100% Load
72
74
%
SWITCHING FREQUENCY
1, 2, 3
500
550
600
KHz
ISOLATION
1
Input to Output or Any Pin to Case
(except Pin 3). Test @ 500VDC
100
M
Ω
MTBF
MIL-HDBK-217F, AIF @ TC = 40°C
300
KHrs



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com