전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFL2803R3SWES 데이터시트(PDF) 1 Page - International Rectifier

부품명 AFL2803R3SWES
상세설명  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

AFL2803R3SWES 데이터시트(HTML) 1 Page - International Rectifier

  AFL2803R3SWES Datasheet HTML 1Page - International Rectifier AFL2803R3SWES Datasheet HTML 2Page - International Rectifier AFL2803R3SWES Datasheet HTML 3Page - International Rectifier AFL2803R3SWES Datasheet HTML 4Page - International Rectifier AFL2803R3SWES Datasheet HTML 5Page - International Rectifier AFL2803R3SWES Datasheet HTML 6Page - International Rectifier AFL2803R3SWES Datasheet HTML 7Page - International Rectifier AFL2803R3SWES Datasheet HTML 8Page - International Rectifier AFL2803R3SWES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
03/08/07
www.irf.com
1
The AFL Series of DC/DC converters feature high power
density with no derating over the full military temperature
range. This device is offered as part of a complete family
of converters providing single and dual output voltages
originally created to operate over a nominal input
voltage range of 28V to 270V with output power ranging
from 66W to 120W. For applications requiring higher
output power, multiple converters can be operated in
parallel. The internal current sharing circuits assure
equal current distribution among the paralleled
converters. This series incorporates International
Rectifier’s proprietary magnetic pulse feedback
technology providing optimum dynamic line and load
regulation response. This feedback system samples
the output voltage at the pulse width modulator fixed
clock frequency, nominally 550KHz. Multiple converters
can be synchronized to a system clock in the 500KHz
to 700KHz range or to the synchronization output of
one converter. Undervoltage lockout, primary and
secondary referenced inhibit, soft-start and load fault
protection are provided on all models.
Description
n 16V To 40V Input Range
n 3.3V Output
n High Power Density - 50W/in3
n 66W Output Power
n Parallel Operation with Stress and Current
Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feedthru Copper Core Pins
n High Efficiency - to 74%
n Full Military Temperature Range
n Continuous Short Circuit and Overload Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 40dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Dual Output Versions Available
n Standard Microcircuit Drawing Available
Features
AFL
28V Input, 3.3V Output
AFL2803R3S
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to
minimize resistive DC losses. Three lead styles are
available, each fabricated with International Rectifier’s
rugged ceramic lead-to-package seal assuring long term
hermeticity in the most harsh environments.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Contact IR Santa Clara for special
requirements.
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
PD-94525D


유사한 부품 번호 - AFL2803R3SWES

제조업체부품명데이터시트상세설명
logo
International Rectifier
AFL2803R3SWES IRF-AFL2803R3SWES Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2803R3SWES IRF-AFL2803R3SWES Datasheet
169Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2803R3SWES IRF-AFL2803R3SWES Datasheet
165Kb / 10P
HIGH RELIABILITY HYBRID DC/DC CONVERTER
More results

유사한 설명 - AFL2803R3SWES

제조업체부품명데이터시트상세설명
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com