전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GH2805SCKA 데이터시트(PDF) 4 Page - International Rectifier

부품명 GH2805SCKA
상세설명  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

GH2805SCKA 데이터시트(HTML) 4 Page - International Rectifier

  GH2805SCKA Datasheet HTML 1Page - International Rectifier GH2805SCKA Datasheet HTML 2Page - International Rectifier GH2805SCKA Datasheet HTML 3Page - International Rectifier GH2805SCKA Datasheet HTML 4Page - International Rectifier GH2805SCKA Datasheet HTML 5Page - International Rectifier GH2805SCKA Datasheet HTML 6Page - International Rectifier GH2805SCKA Datasheet HTML 7Page - International Rectifier GH2805SCKA Datasheet HTML 8Page - International Rectifier GH2805SCKA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com
GH-SERIES
(28V Input, Single Output)
Electrical Performance Characteristics ( continued )
Radiation Performance Characteristics
Notes for the Electrical Performance Characteristics Table
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be
guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
These are beginning-of-life (BOL) limits. End-of-life (EOL) limits are -3% and +3% of nominal limit for Min and
Max, respectively.
4.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth.
5.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A
capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s
overload protection, causing erratic behavior during turn-on.
6.
Overload power dissipation is defined as the device power dissipation with the load set such that VOUT = 90% of
nominal.
7.
Load step slew rate
≤ 0.5A/µs.
8.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of its
steady state value.
9.
Line step slew rate
≤1.0V/µs.
10. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the
inhibit pin (pin 3) to the point where VOUT = 90% of nominal.
11. MIL-HDBK MOSFET failure rates replaced by empirical failure rate data supplied by International Rectifier.
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Capacitive Load (CL)
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 5
5000
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Note 1
40
60
dB
Electromagnetic Interference
(EMI), conducted emission (CE)
1
IOUT = 100% rated load, Note 1
Per Fig. 3
Isolation
1
Input to Output or Any Pin to Case
except pin 13, test @ 100VDC
100
M
Ω
Device Mass
110
g
MTBF
MIL-HDBK-217F2, SF, 35
°C,
Note 11
5.8x10
6
Hrs
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
Test
Conditions
Min
Typ
Unit
MIL-PRF-883, Method 1019.5
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
Half Rated Load, VIN = 28V
100
Krads(Si)
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Half Rated Load, VIN = 18V, 28V & 50V
82
MeVxcm
2/mg
Test lab: Cyclotron Institute,
Texas A & M University



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com