전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GH2805SCKA 데이터시트(PDF) 6 Page - International Rectifier

부품명 GH2805SCKA
상세설명  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

GH2805SCKA 데이터시트(HTML) 6 Page - International Rectifier

  GH2805SCKA Datasheet HTML 1Page - International Rectifier GH2805SCKA Datasheet HTML 2Page - International Rectifier GH2805SCKA Datasheet HTML 3Page - International Rectifier GH2805SCKA Datasheet HTML 4Page - International Rectifier GH2805SCKA Datasheet HTML 5Page - International Rectifier GH2805SCKA Datasheet HTML 6Page - International Rectifier GH2805SCKA Datasheet HTML 7Page - International Rectifier GH2805SCKA Datasheet HTML 8Page - International Rectifier GH2805SCKA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.irf.com
GH-SERIES
(28V Input, Single Output)
Fig. 4 Block Diagram - Single Output
1
2
3
Input
Inhibit
Input
Return
Output
Output
Return
4
Sync
Input
-Sense
13
Sync
Output
BIAS
SUPPLY
UVLO &
INHIBIT
EMI
FILTER
PEAK
CURRENT
DETECTION
+12V
OSCILLATOR
PWM
CONTROLLER
SAMPLE
&
HOLD
FEEDBACK
TRIGGER
Case
SENSE
AMPLIFIER
ERROR
AMPLIFIER
+Sense
Vfb
REF &
S.S.
Ref
Aout
Bout
S.S.
Output
Adjust
Clk
+9V Sec. Bias
6
11
12
5
7/8
9/10
Fig. 3 – EMI CE03 Specification Limits and Typical Performance



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com