전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM8903TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 PM8903TR
상세설명  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button PM8903TR Datasheet HTML 2Page - STMicroelectronics PM8903TR Datasheet HTML 3Page - STMicroelectronics PM8903TR Datasheet HTML 4Page - STMicroelectronics PM8903TR Datasheet HTML 5Page - STMicroelectronics PM8903TR Datasheet HTML 6Page - STMicroelectronics PM8903TR Datasheet HTML 7Page - STMicroelectronics PM8903TR Datasheet HTML 8Page - STMicroelectronics PM8903TR Datasheet HTML 9Page - STMicroelectronics PM8903TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin description and connection diagrams
PM8903
6/34
Doc ID 022748 Rev 1
8
PSKIP / MS
Pulse-skip and master/slave definition.
Connect with a resistor to GND or leave it floating to define:
Pulse-skip feature status;
Master/slave for synchronization;
Switching frequency.
See
Section 5.8 on page 18.
9COMP
Error amplifier output.
Connect with an (RF - CF) // CP to FB. See Figure 1
The device cannot be disabled by pulling low this pin.
10
FB
Error amplifier inverting input.
Connect with RFB or RFB // (RS - CS) to VSEN and with an (RF - CF) // CP to
COMP. A resistor ROS to GND sets the output voltage ratio. See Figure 1
11
GND
All the internal references are referred to this pin. Connect to the PCB Signal
Ground.
12
VCC
Device power supply.
Operative voltage is 2.9 V - 5.5 V. Filter with at least 1
μF MLCC vs. GND.
13, 14
VIN
Power input voltage, connected to embedded high-side drain.
Supply range is from 2.8 V to 6 V. Bypass VIN pins to PGND pins close to the
IC package with high quality MLCC capacitors (at least 10
μF). See Figure 1.
15, 16
PGND
Power ground connection, connected to embedded low-side MOSFET source.
Connect to PGND PCB plane. See
Figure 1.
Thermal pad
Thermal pad connects the silicon substrate and makes good thermal contact
with the PCB. Connect to the PCB PGND plane.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com