| 전자부품 데이터시트 검색엔진 |
|
PM8903TR 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM8903TR 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 34 page ![]() PM8903 PM8903 demonstration board Doc ID 022748 Rev 1 27/34 Figure 15. PM8903 demonstration board layout TOP LAYER INNER-1 LAYER INNER-2 LAYER BOTTOM LAYER Table 8. PM8903 demonstration board - bill of material Reference Alias Value Manufacturer P.N. Package Supplier Resistors R1, R7, R9, R19, R25, R27 NM 0603 R2, R20 10 Ω 0603 R3, R21 RPGOOD(1,2) 10 k Ω 0603 R4, R22 1 k Ω 0603 R5, R23 560 k Ω 0603 R6, R24 RBOOT(1,2) 0 Ω 0603 R8, R26 RSNUBBER(1,2) NM 0603 R10 RPM(1) 270 k Ω 0603 R11, R29 RS(1,2) 100 Ω 0603 R12, R30 RF(1,2) 680 Ω 0603 R13, R17, R18, R31, R35 0 Ω 0603 R14, R32 RFB1(1,2) 0 Ω 0603 |