전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L1007C151MPWST 데이터시트(PDF) 14 Page - Kemet Corporation

부품명 L1007C151MPWST
상세설명  Surface Mount Ferrite Products Inductors & Ferrite Beads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007C151MPWST 데이터시트(HTML) 14 Page - Kemet Corporation

Back Button L1007C151MPWST Datasheet HTML 10Page - Kemet Corporation L1007C151MPWST Datasheet HTML 11Page - Kemet Corporation L1007C151MPWST Datasheet HTML 12Page - Kemet Corporation L1007C151MPWST Datasheet HTML 13Page - Kemet Corporation L1007C151MPWST Datasheet HTML 14Page - Kemet Corporation L1007C151MPWST Datasheet HTML 15Page - Kemet Corporation L1007C151MPWST Datasheet HTML 16Page - Kemet Corporation L1007C151MPWST Datasheet HTML 17Page - Kemet Corporation L1007C151MPWST Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
14
0603 Case Size Multilayer Chip Inductors for High Frequency (L-RMS Series)
Ordering Code
Inductance
(nH)
Inductance
Tolerance
Q
min.
Measuring
Frequency
(MHz)
Typical Q
Self-resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω)
Maximum
Rated
Current
(mA)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
Frequency (MHz)
100
300
500
800 1000
min.
typ
max.
typ.
L0603C1N0SRMST
1.0
±0.3nH
8
100
14
30
40
70
90
10000
>13000
0.05
0.015
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C1N2SRMST
1.2
±0.3nH
8
100
14
30
40
70
90
10000
>13000
0.05
0.015
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C1N5SRMST
1.5
±0.3nH
8
100
14
26
34
47
50
6000
>13000
0.10
0.03
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C1N8SRMST
1.8
±0.3nH
8
100
10
18
24
30
34
6000
>13000
0.10
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C2N2SRMST
2.2
±0.3nH
8
100
12
22
29
37
40
6000
12000
0.10
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C2N7SRMST
2.7
±0.3nH
10
100
13
24
32
41
45
6000
11000
0.10
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C3N3SRMST
3.3
±0.3nH
10
100
14
25
33
42
47
6000
9000
0.12
0.06
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C3N9SRMST
3.9
±0.3nH
10
100
13
25
33
42
46
6000
8000
0.14
0.07
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C4N7SRMST
4.7
±0.3nH
10
100
13
25
33
42
47
4000
6500
0.16
0.08
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C5N6SRMST
5.6
±0.3nH
10
100
14
25
33
42
46
4000
5800
0.18
0.09
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C6N8JRMST
6.8
±5%
10
100
14
25
33
43
47
4000
5600
0.22
0.11
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C8N2JRMST
8.2
±5%
10
100
14
26
34
44
48
3500
5200
0.24
0.13
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C10NJRMST
10
±5%
12
100
14
26
34
43
47
3400
4600
0.26
0.16
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C12NJRMST
12
±5%
12
100
14
27
35
45
49
2600
4000
0.28
0.17
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C15NJRMST
15
±5%
12
100
15
28
37
46
51
2300
3400
0.32
0.20
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C18NJRMST
18
±5%
12
100
15
27
36
44
48
2000
3000
0.35
0.21
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C22NJRMST
22
±5%
12
100
16
28
36
44
47
1600
2900
0.40
0.25
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C27NJRMST
27
±5%
12
100
16
29
37
45
46
1400
2200
0.45
0.28
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C33NJRMST
33
±5%
12
100
17
31
40
46
47
1200
1800
0.55
0.35
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C39NJRMST
39
±5%
12
100
18
31
39
44
44
1100
1600
0.60
0.38
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C47NJRMST
47
±5%
12
100
17
28
34
35
34
900
1600
0.70
0.45
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C56NJRMST
56
±5%
12
100
17
28
34
34
31
900
1400
0.75
0.50
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C68NJRMST
68
±5%
12
100
18
29
34
30
22
700
1200
0.85
0.55
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C82NJRMST
82
±5%
12
100
18
28
33
27
-
600
1100
0.95
0.60
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR10JRMST
100
±5%
12
100
18
27
28
16
-
600
1000
1.00
0.65
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR12JRMST
120
±5%
8
50
16
24
23
-
-
500
800
1.20
0.68
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR15JRMST
150
±5%
8
50
13
19
16
-
-
500
800
1.20
0.73
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR18JRMST
180
±5%
8
50
13
18
12
-
-
400
700
1.30
0.85
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR22JRMST
220
±5%
8
50
12
16
-
-
-
400
600
1.50
0.95
300
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR27JRMST
270
±5%
8
50
14
15
-
-
-
400
550
1.90
1.34
150
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR33JRMST
330
±5%
8
50
14
-
-
-
-
350
480
2.10
1.53
150
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR39JRMST
390
±5%
8
50
13
-
-
-
-
350
410
2.30
1.72
150
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR47JRMST
470
±5%
8
50
13
-
-
-
-
300
360
2.60
2.04
150
0.8 ±0.15 (0.031 ±0.006)
4,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com