전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L1007C151MPWST 데이터시트(PDF) 16 Page - Kemet Corporation

부품명 L1007C151MPWST
상세설명  Surface Mount Ferrite Products Inductors & Ferrite Beads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007C151MPWST 데이터시트(HTML) 16 Page - Kemet Corporation

Back Button L1007C151MPWST Datasheet HTML 12Page - Kemet Corporation L1007C151MPWST Datasheet HTML 13Page - Kemet Corporation L1007C151MPWST Datasheet HTML 14Page - Kemet Corporation L1007C151MPWST Datasheet HTML 15Page - Kemet Corporation L1007C151MPWST Datasheet HTML 16Page - Kemet Corporation L1007C151MPWST Datasheet HTML 17Page - Kemet Corporation L1007C151MPWST Datasheet HTML 18Page - Kemet Corporation L1007C151MPWST Datasheet HTML 19Page - Kemet Corporation L1007C151MPWST Datasheet HTML 20Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
16
Features:
Operating Temperature:
• Internal printed coil structure creates a closed magnetic circuit
• -40ºC to +85ºC
which acts as a magnetic shield eliminating crosstalk, thus
permitting higher mounting densities.
• Multilayer block structure yields higher reliability
• The smallest mH inductors in the world (SMS 0402 Series)
• Low DC power dissipation due to Low Rdc with High Aspect
Ratio internal conductor that stands on the Green Sheet and
Printing technologies (DMI Series)
Applications:
• Any general circuit in portable equipment in which a compact size and high mounting densities are required (SMS Series)
• Separation of analog and digital circuits (PMS Series)
• Prevents interference between PLL and other digital circuits (PMS Series)
• DC/DC convertor for mobile equipment, cellular phones, DSC and DVC (PMS Series)
EIA
Case
Size
Metric
Dim.
Code
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
0402
1005
1.0 ±0.05
(0.039 ±0.002)
0.50 ±0.05
(0.020 ±0.002)
0.50 ±0.05
(0.020 ±0.002)
0.25 ±0.10
(0.010 ±0.004)
0603
1608
1.6 ±0.15
(0.063 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.3 ±0.2
(0.012 ±0.008)
0805
2125
2.0 +0.3/-0.1
(0.079 _0.012/-0.004)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
1.25 ±0.2
(0.033 ±0.008)
(0.049 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
1008
2520
2.5 ± 0.2
(0.098 ± 0.008)
2.0 ± 0.2
(0.079 ± 0.008)
1.0 Max.
(0.039)
0.5 ± 0.3
(0.02 ± 0.012)
E
T
W
L
Multilayer Chip Inductors - L-SMS/L-PMS/L-DMI Series
Part Numbering Table
Dimension Table in millimeters (inches)
Inductance
Examples:
47N = 0.047μH
100 = 10μH
R15 = 0.15μH
150 = 15μH
1R5 = 1.5μH
Inductance Tolerance
K = ±10%, M = ±20%
Inductor
L
C
0603
1R5
K
SMS
T
Case Size (EIA)
0402
0805
0603
1008
Type
SMS = Standard Type
PMS = Standard Type
DMI = High Current Type
for Power Supply Line
Specification
C = Commercial
Packaging Code
T = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com