| 전자부품 데이터시트 검색엔진 |
|
ML9489 데이터시트(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML9489 데이터시트(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 32 page ![]() FEDL9489-02 ML9489 17/32 Data write method • Serial interface The data is written to the address set by the data write setting command (F3). For the Serial interface, the data is written in units of 160 bits. Written from D160 to SEG1, D159 to SEG2, ... , D2 to SEG159, and D1 to SEG160. • I2C interface The data is written to the address set by the slave address. For the I2C interface, the data is written to the specified address starting with the LSB side in units of 8 bits. (The data is written in the order from SEG153-160, SEG145-SEG152, ... , SEG9-16, and SEG1-SEG8.) MSB Segment output LSB 1234 72 73 74 75 76 77 78 79 80 COM1 D160 D159 D158 D157 D89 D88 D87 D86 D85 D84 D83 D82 D81 COM2 D160 D159 D158 D157 D89 D88 D87 D86 D85 D84 D83 D82 D81 COM3 D160 D159 D158 D157 D89 D88 D87 D86 D85 D84 D83 D82 D81 COM4 D160 D159 D158 D157 D89 D88 D87 D86 D85 D84 D83 D82 D81 MSB Segment output LSB 81 82 83 84 152 153 154 155 156 157 158 159 160 COM1 D80 D79 D78 D77 D9 D8 D7 D6 D5 D4 D3 D2 D1 COM2 D80 D79 D78 D77 D9 D8 D7 D6 D5 D4 D3 D2 D1 COM3 D80 D79 D78 D77 D9 D8 D7 D6 D5 D4 D3 D2 D1 COM4 D80 D79 D78 D77 D9 D8 D7 D6 D5 D4 D3 D2 D1 LSB Segment output MSB 1234 72 73 74 75 76 77 78 79 80 COM1 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM2 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM3 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM4 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 LSB Segment output MSB 81 82 83 84 152 153 154 155 156 157 158 159 160 COM1 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM2 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM3 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM4 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 |