전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJCDLC 데이터시트(PDF) 23 Page - Renesas Technology Corp

부품명 R5F564MJCDLC
상세설명  MCUs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJCDLC 데이터시트(HTML) 23 Page - Renesas Technology Corp

Back Button R5F564MJCDLC Datasheet HTML 19Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 20Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 21Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 22Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 23Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 24Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 25Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 26Page - Renesas Technology Corp R5F564MJCDLC Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
RX64M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0173EJ0090 Rev.0.90
Page 23 of 67
Feb 28, 2014
USB 2.0 host/function
module
VCC_USB,
VCC_USBA
Input
Power supply pins
VSS_USB,
VSS1_USBA,
VSS2_USBA
Input
Ground pins
AVCC_USBA
Input
USBA analog power supply pin
AVSS_USBA
Input
USBA analog ground pin. Short this pin with the PVSS_USBA
pin.
PVSS_USBA
Input
USBA PLL circuit ground pin. Short this pin with the
AVSS_USBA pin.
USBA_RREF
I/O
USBA reference current supply pin. Connect 2.2 K
Ω (1%) to the
AVSS_USBA pin.
USB0_DP,
USBA_DP
I/O
Input or output USB transceiver D+ data.
USB0_DM,
USBA_DM
I/O
Input or output USB transceiver D- data.
USB0_EXICEN,
USBA_EXICEN
Output
Connect to the OTG power IC.
USB0_ID, USBA_ID
Input
Connect to the OTG power IC.
USB0_VBUSEN
USBA_VBUSEN
Output
USB VBUS power enable pins
USB0_OVRCURA/
USB0_OVRCURB,
USBA_OVRCURA/
USBA_OVRCURB
Input
USB overcurrent pins
USB0_VBUS,
USBA_VBUS
Input
USB cable connection/disconnection detection input pins
CAN module
CRX0, CRX1-DS, CRX2
Input
Input pins
CTX0 to CTX2
Output
Output pins
Serial peripheral interface
RSPCKA-A/RSPCKA-B
I/O
Clock input/output pin
MOSIA-A/MOSIA-B
I/O
Inputs or outputs data output from the master
MISOA-A/MISOA-B
I/O
Inputs or outputs data output from the slave
SSLA0-A/SSLA0-B
I/O
Input or output pin for slave selection
SSLA1-A/SSLA1-B to SSLA3-
A/SSLA3-B
Output
Output pin for slave selection
Quad serial peripheral
interface
QSPCLK-A/-B
Output
QSPI clock output pin
QSSL-A/-B
Output
QSPI slave output pin
QMO-A/-B, QIO0-A/-B
I/O
Master transmit data/data 0
QMI-A/-B, QIO1-A/-B
I/O
Master input data/data 1
QIO2-A/-B, QIO3-A/-B
I/O
Data 2, data 3
Serial sound interface
SSISCK0, SSISCK1
I/O
SSI serial bit clock pins
SSIWS0, SSIWS1
I/O
Word select pins
SSITXD0, SSITXD1
Output
Serial data output pins
SSIRXD0, SSIRXD1
Input
Serial data input pins
SSIDATA0, SSIDATA1
I/O
Serial data input/output pins
AUDIO_MCLK
Input
Master clock pin for audio
Table 1.4
Pin Functions (6/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com