| 전자부품 데이터시트 검색엔진 |
|
R5F564MJCDLC 데이터시트(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F564MJCDLC 데이터시트(HTML) 24 Page - Renesas Technology Corp |
|
24 / 67 page ![]() RX64M Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0173EJ0090 Rev.0.90 Page 24 of 67 Feb 28, 2014 MMC host interface MMC_CLK-A/ MMC_CLK-B Output MMC clock pin MMC_CMD-A/ MMC_CMD-B I/O Command/response pin MMC_D7-A/MMC_D7-B to MMC_D0-A/MMC_D0-B I/O Transmit data/receive data MMC_CD-A/MMC_CD-B Input Card detection pin MMC_RES#-A/MMC_RES#-B Output MMC reset output pin SD host interface SDHI_CLK-A/SDHI_CLK-B Output SD clock output pin SDHI_CMD-A/SDHI_CMD-B I/O SD command output, response input signal pin SDHI_D3-A/SDHI_D3-B to SDHI_D0-A/SDHI_D0-B I/O SD data bus pins SDHI_CD-A/SDHI_CD-B Input SD card detection pin SDHI_WP-A/SDHI_WP-B Input SD write-protect signal Parallel data capture unit PIXCLK Input Image transfer clock pin VSYNC Input Vertical synchronization signal pin HSYNC Input Horizontal synchronization signal pin PIXD0 to PIXD7 Input 8-bit image data pins PCKO Output Output pin for dot clock Realtime clock RTCOUT Output Output pin for 1-Hz/64-Hz clock RTCIC0 to RTCIC2 Input Time capture event input pins 12-bit A/D converter AN000 to AN007, AN100 to AN120 Input Input pins for the analog signals to be processed by the A/D converter ADTRG0#, ADTRG1# Input Input pins for the external trigger signals that start the A/D conversion ANEX0 Output Extended analog output pin ANEX1 Input Extended analog input pin 12-bit D/A converter DA0, DA1 Output Output pins for the analog signals to be processed by the D/A converter Analog power supply AVCC0 Input Analog voltage supply pin for the 12-bit A/D converter (unit 0). Connect this pin to a branch from the VCC power supply. AVSS0 Input Analog ground pin for the 12-bit A/D converter (unit 0). Connect this pin to a branch from the VSS ground power supply. VREFH0 Input Analog reference voltage supply pin for the 12-bit A/D converter (unit 0). Connect this pin to VCC if the 12-bit A/D converter is not to be used. VREFL0 Input Analog reference ground pin for the 12-bit A/D converter (unit 0). Connect this pin to VSS if the 12-bit A/D converter is not to be used. AVCC1 Input Analog voltage supply and reference voltage supply pin for the 12-bit A/D converter (unit 1) and D/A converter. This pin also supplies the analog voltage to the temperature sensor. Connect this pin to a branch from the VCC power supply. AVSS1 Input Analog voltage supply and reference voltage supply pin for the 12-bit A/D converter (unit 1) and D/A converter. This pin also supplies the analog ground voltage to the temperature sensor. Connect this pin to a branch from the VSS ground power supply. Table 1.4 Pin Functions (7/8) Classifications Pin Name I/O Description |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |