| 전자부품 데이터시트 검색엔진 |
|
L1C 데이터시트(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
L1C 데이터시트(HTML) 12 Page - Renesas Technology Corp |
|
12 / 42 page ![]() QB-RL78L1C In-Circuit Emulator CHAPTER 1 GENERAL R20UT2703EJ0200 Rev.2.00 Page 12 of 42 Jan 31, 2014 1.4 System Configuration This section shows the system configuration when using the QB-RL78L1C connected to a PC (Windows TM PC, PC/AT TM compatible). Connection is possible even without optional products. Figure 1-2. System Configuration <1> Host machine : Windows PC, IBM PC/AT compatible can be used <2> USB interface cable : Cable connecting QB-RL78L1C to host machine <3> AC adapter : AC adapters classified by region <4> QB-RL78L1C : This product <5> Check pin adapter (optional) : Adapter used for monitoring waveforms with oscilloscope <6> Emulation probe : High-characteristic FPC type emulation probe <7> Exchange adapter : Adapter that performs pin conversion <8> Space adapter (optional) : Adapter used for height adjustment <9> YQ connector : Connector that connects exchange adapter to target connector <10> Target connector : Connector soldered to target system <11> Mount adapter (optional) : Adapter used for mounting target device into socket <12> Device : Target device <13> Target system < 1 > < 2 > < 3 > < 4 > < 6 > < 7 > < 8 > < 9 > < 10 > < 11 > < 12 > < 13 > < 5 > |