| 전자부품 데이터시트 검색엔진 |
|
CS49300 데이터시트(PDF) 76 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49300 데이터시트(HTML) 76 Page - Cirrus Logic |
|
76 / 86 page ![]() CS49300 Family DSP 76 DS339PP4 11.3. Output Data Hardware Configuration The naming convention for the DAO configuration is as follows: OUTPUT A B C D E where the parameters are defined as: A - DAO Mode (Master/Slave for LRCLK and SCLK) B - Data Format C - MCLK Frequency D - SCLK Frequency E - SCLK Polarity The following tables show the different values for each parameter as well as the hex message that needs to be sent. When creating the hardware configuration message, only one hex message should be sent per parameter. A Value DAO Modes (LRCLK & SCLK) Hex Message 0 (default) MCLK - Slave SCLK - Slave LRCLK - Slave 0x80017F 0x400000 1MCLK - Slave SCLK - Master LRCLK - Master 0x80027F 0xBFFFFF 2 MCLK - Master SCLK - Master LRCLK - Master 0x80027F 0xBFDFFF Table 22. Output Clock Configuration (Parameter A) B Value DAO Data Format Of AUDATA0, 1, 2 (or AUDATA0 for Multichannel Modes) Hex Message 0 (default) I2S 24-bit (Configuration of AUDATA3 as S/PDIF (IEC60958) or Digital Audio in the format of I2S or Left Justified is covered in AN162 and AN163) 0x80027F 0xFC7FFF 0x80027C 0xF01F00 0x80027D 0xF01F00 0x80027E 0xF01F00 0x80017F 0x038000 0x80017C 0x000001 0x80017D 0x000001 0x80017E 0x000001 1 Left Justified 24-bit (Configuration of AUDATA3 as S/PDIF (IEC60958) or Digital Audio in the format of I2S or Left Justified is covered in AN162 and AN163) 0x80027F 0xFC7FFF 0x80027C 0xF01F00 0x80027D 0xF01F00 0x80027E 0xF01F00 0x80017F 0x018000 2 Multichannel (6 channel) 20-bit Left Justified (SCLK must be at least 128Fs for this mode) (Configuration of AUDATA3 as S/PDIF (IEC60958) or Digital Audio in the format of I2S or Left Justified is covered in AN162 and AN163) 0x80027F 0xFC7FFF 0x80027C 0xF00000 0x80017C 0x001300 0x80027D 0xF00000 0x80017D 0x001300 0x80027E 0xF00000 0x80017E 0x001300 Table 23. Output Data Format Configuration (Parameter B) |