전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSD2N60 데이터시트(PDF) 3 Page - Bruckewell Technology LTD

부품명 MSD2N60
상세설명  600V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD2N60 데이터시트(HTML) 3 Page - Bruckewell Technology LTD

  MSD2N60 Datasheet HTML 1Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 2Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 3Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 4Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 5Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 6Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 7Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 8Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 9Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MSD2N60 600V N-Channel MOSFET
©Bruckewell Technology Corporation Rev. A -2012
Source-Drain Diode Maximum Ratings and Characteristics
IS
Continuous Source-Drain Diode Forward Current
––
––
2.0
ISM
Pulsed Source-Drain Diode Forward Current
––
––
6.0
A
VSD
Source-Drain Diode Forward Voltage IS=2A, VGS=0V
––
––
1.4
V
trr
Reverse Recovery Time
––
230
––
ns
Qrr
Reverse Recovery Charge
IS=2 A , VGS= 0V
diF/dt=100A/μs
––
1.0
––
μC
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. IAS=2.0A, VDD=50V, RG=25Ω, Starting TJ =25°C
3. ISD≤2.0A, di/dt≤300A/μs, VDD≤BVDSS , Starting TJ =25 °C
4. Pulse Test : Pulse Width ≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com