| 전자부품 데이터시트 검색엔진 |
|
CS494502 데이터시트(PDF) 79 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS494502 데이터시트(HTML) 79 Page - Cirrus Logic |
|
79 / 100 page ![]() 79 pin names, mnemonics and pin numbers associated with the DAI. The DAI is fully configurable including support for I2S and left-justified formats. DAI is programmed for slave clocks, where FLRCLKN1 and FSCLKN1 are inputs. All DAI configuration messages mustbe sentto DSPAB. 11.3 Compressed Data Input Port The compressed data input port (CDI) on DSPAB can be used for both compressed and PCM data input. Table 19 shows the mnemonic, pin name, and pin number of the pins associated with the CDI port on the CS49400. The CDI port is fully configurable for all data formats including: I2S, left-justified and multichannel formats. FLRCLKN2 and FSCLKN2 on the CDI port are programmed to be inputs. All CDI configuration messages must be sent to DSPAB. 11.4 Input Data Hardware Configuration for CDI and DAI on DSPAB Both data format (I2S, Left Justified) and data type (compressed or PCM) are required to fully define the input port’s hardware configuration. The DAI and the CDI are configured by the same group of messages since their configurations are interrelated. The naming convention of the input hardware configuration is as follows: INPUT AB C where A, B, C and are the parameters used to fully define the input port. The parameters are defined as follows: A - Data Type B- Data Format C - SCLK Polarity Pin Name Pin Description 144-Pin Package, Pin Number 100-Pin Package, Pin Number FSDATAN1 Serial Data In 131 84 FSCLKN1 FSTCCLK2 Serial Bit Clock Secondary STC Clock 134 81 FLRCLKN1 Frame Clock 119 85 Table 18. Digital Audio Input Port FLRCLKN1 FSCLKN1 FSDATAN1 MSB LSB Left Right MSB LSB Figure 55. I 2SFormat FLRCLKN1 FSCLKN1 FSDATAN1 MSB LSB Left Right MSB LSB MSB Figure 56. Left Justified Format (Rising Edge Valid SCLK) Pin Name Pin Description 144-Pin Package, Pin Number 100-Pin package, Pin Number FSDATAN2 CMPDAT Serial Data In Compressed Data In 118 79 FSCLKN2 CMPCLK Serial Bit Clock 111 78 FLRCLKN2 CMPREQ Frame Clock Data Request Out 117 80 Table 19. Compressed Data Input Port |