| 전자부품 데이터시트 검색엔진 |
|
DS2152L 데이터시트(PDF) 34 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152L 데이터시트(HTML) 34 Page - Dallas Semiconductor |
|
34 / 94 page ![]() DS2152 34 of 93 SR1: STATUS REGISTER 1 (Address=20 Hex) (MSB) (LSB) LUP LDN LOTC RSLIP RBL RYEL LRCL RLOS SYMBOL POSITION NAME AND DESCRIPTION LUP SR1.7 Loop Up Code Detected. Set when the loop up code as defined in the RUPCD register is being received. See Section 12 for details. LDN SR1.6 Loop Down Code Detected. Set when the loop down code as defined in the RDNCD register is being received. See Section 12 for details. LOTC SR1.5 Loss of Transmit Clock. Set when the TCLK pin has not transitioned for one channel time (or 5.2 us). Will force the RLOS/LOTC pin high if enabled via CCR1.6. Also will force transmit side formatter to switch to RCLKO if so enabled via TCR1.7. RSLIP SR1.4 Receive Elastic Store Slip Occurrence. Set when the receive elastic store has either repeated or deleted a frame. RBL SR1.3 Receive Blue Alarm. Set when an unframed all 1s code is received at RPOSI and RNEGI. RYEL SR1.2 Receive Yellow Alarm. Set when a yellow alarm is received at RPOSI and RNEGI. LRCL SR1.1 Line Interface Receive Carrier Loss. Set when 192 consecutive 0s have been detected at RTIP and RRING. See Table 4-2. RLOS SR1.0 Receive Loss of Sync. Set when the device is not synchronized to the receive T1 stream. |