전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2152L 데이터시트(PDF) 53 Page - Dallas Semiconductor

부품명 DS2152L
상세설명  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DALLAS [Dallas Semiconductor]
홈페이지  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L 데이터시트(HTML) 53 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 49Page - Dallas Semiconductor DS2152L Datasheet HTML 50Page - Dallas Semiconductor DS2152L Datasheet HTML 51Page - Dallas Semiconductor DS2152L Datasheet HTML 52Page - Dallas Semiconductor DS2152L Datasheet HTML 53Page - Dallas Semiconductor DS2152L Datasheet HTML 54Page - Dallas Semiconductor DS2152L Datasheet HTML 55Page - Dallas Semiconductor DS2152L Datasheet HTML 56Page - Dallas Semiconductor DS2152L Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
DS2152
53 of 93
TCBR1/TCBR2/TCBR3:
TRANSMIT CHANNEL BLOCKING REGISTERS (Address=32 to 34 Hex)
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TCBR1 (32)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TCBR1 (33)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TCBR1 (34)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH24
TCBR3.7
Transmit Channel Blocking Registers.
0=force the TCHBLK pin to remain low during this channel
time
CH1
TCBR1.0
1=force the TCHBLK pin high during this channel time
10.0 ELASTIC STORES OPERATION
The DS2152 contains dual two-frame (386 bits) elastic stores, one for the receive direction and one for
the transmit direction. These elastic stores have two main purposes. First, they can be used to rate convert
the T1 data stream to 2.048 Mbps (or a multiple of 2.048 Mbps), which is the E1 rate. Secondly, they can
be used to absorb the differences in frequency and phase between the T1 data stream and an
asynchronous (i.e., not frequency locked) backplane clock (which can be 1.544 MHz or 2.048 MHz). The
backplane clock can burst at rates up to 8.192 MHz. Both elastic stores contain fully controlled slip
capability, which is necessary for this second purpose. The receive side elastic store can be enabled via
CCR1.2 and the transmit side elastic store is enabled via CCR1.7. The elastic stores can be forced to a
known depth via the Elastic Store Reset bit (CCR3.6). Toggling the CCR3.6 bit forces the read and write
pointers into opposite frames. Both elastic stores within the DS2152 are fully independent and no
restrictions apply to the sourcing of the various clocks that are applied to them. The transmit side elastic
store can be enabled whether the receive elastic store is enabled or disabled and vice versa. Also, each
elastic store can interface to either a 1.544 MHz or 2.048 MHz backplane without regard to the backplane
rate the other elastic store is interfacing.
10.1 RECEIVE SIDE
If the receive side elastic store is enabled (CCR1.2=1), then the user must provide either a 1.544 MHz
(CCR1.3=0) or 2.048 MHz (CCR1.3=1) clock at the RSYSCLK pin. The user has the option of either
providing a frame/multiframe sync at the RSYNC pin (RCR2.3=1) or having the RSYNC pin provide a
pulse on frame boundaries (RCR2.3=0). If the user wishes to obtain pulses at the frame boundary, then
RCR2.4 must be set to 0; if the user wishes to have pulses occur at the multiframe boundary, then
RCR2.4 must be set to 1. The DS2152 will always indicate frame boundaries via the RFSYNC output
whether the elastic store is enabled or not. If the elastic store is enabled, then multiframe boundaries will
be indicated via the RMSYNC output. If the user selects to apply a 2.048 MHz clock to the RSYSCLK
pin, then the data output at RSER will be forced to all 1s every fourth channel and the F-bit will be placed
in the MSB bit position of channel 1. Hence channels 1, 5, 9, 13, 17, 21, 25, and 29 (timeslots 0, 4, 8, 12,
16, 20, 24, and 28) will be forced to a 1. Also, in 2.048 MHz applications, the RCHBLK output will be
forced high during the same channels as the RSER pin. See Section 15 for more details. This is useful in
T1 to CEPT (E1) conversion applications. If the 386-bit elastic buffer either fills or empties, a controlled
slip will occur. If the buffer empties, then a full frame of data (193 bits) will be repeated at RSER and the
SR1.4 and RIR1.3 bits will be set to a 1 except the MSB of channel 1. See Figure 15-5. If the buffer fills,
then a full frame of data will be deleted and the SR1.4 and RIR1.4 bits will be set to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94